Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAF2021 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HAF2021
Description  Silicon N Channel MOSFET Series Power Switching
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAF2021 Datasheet(HTML) 5 Page - Renesas Technology Corp

  HAF2021 Datasheet HTML 1Page - Renesas Technology Corp HAF2021 Datasheet HTML 2Page - Renesas Technology Corp HAF2021 Datasheet HTML 3Page - Renesas Technology Corp HAF2021 Datasheet HTML 4Page - Renesas Technology Corp HAF2021 Datasheet HTML 5Page - Renesas Technology Corp HAF2021 Datasheet HTML 6Page - Renesas Technology Corp HAF2021 Datasheet HTML 7Page - Renesas Technology Corp HAF2021 Datasheet HTML 8Page - Renesas Technology Corp HAF2021 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
HAF2021(L), HAF2021(S)
Rev.2.00, Mar.05.2004, page 5 of 8
25
20
15
10
5
-25
0
25
50
75
100 125 150
0
Pulse Test
Case Temperature
Tc (
°C)
Static Drain to Source State Resistance
vs. Temperature
Drain Current ID (A)
Forward Transfer Admittance vs.
Drain Current
VGS = 10 V
VGS = 6 V
ID = 50 A
25 A, 10 A
ID = 50 A
25 A, 10 A
100
50
20
10
1
0.1
0.5
0.2
5
2
0.1
0.5 1
5
10
50 100
Tc = -25
°C
25
°C
75
°C
VDS = 10 V
Pulse Test
1
2
5
10
100
20
50
1000
200
500
100
20
10
50
di / dt = 50 A /
µs
VGS = 0, Ta = 25°C
Reverse Drain Current
IDR
(A)
Body to Drain Diode Reverse
Recovery Time
0.5 1
5 10
100
50
500
tr
1000
500
50
100
10
5
200
20
2
1
VGS = 10 V, VDD = 30 V
PW = 300
µs, duty < 1 %
tf
td(on)
td(off)
Drain Current
ID
(A)
Switching Characteristics
50
40
30
20
10
0
0.4
0.8
1.2
1.6
2.0
VGS = 5 V
0, -5 V
Source to Drain Voltage
VSD
(V)
Reverse Drain Current vs.
Source to Drain Voltage
Pulse Test
10000
1000
100
10
010
20
30
40
50
V
= 0
f = 1 MHz
GS
Coss
Drain to Source Voltage VDS
(V)
Typical Capacitance vs.
Drain to Source Voltage



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com