Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAF2021 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HAF2021
Description  Silicon N Channel MOSFET Series Power Switching
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAF2021 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HAF2021 Datasheet HTML 1Page - Renesas Technology Corp HAF2021 Datasheet HTML 2Page - Renesas Technology Corp HAF2021 Datasheet HTML 3Page - Renesas Technology Corp HAF2021 Datasheet HTML 4Page - Renesas Technology Corp HAF2021 Datasheet HTML 5Page - Renesas Technology Corp HAF2021 Datasheet HTML 6Page - Renesas Technology Corp HAF2021 Datasheet HTML 7Page - Renesas Technology Corp HAF2021 Datasheet HTML 8Page - Renesas Technology Corp HAF2021 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev.2.00, Mar.05.2004, page 1 of 8
HAF2021(L), HAF2021(S)
Silicon N Channel MOS FET Series
Power Switching
REJ03G0179-0200Z
(Previous ADE-208-1459A(Z))
Rev.2.00
Mar.05.2004
Description
This FET has the over temperature shut–down capability sensing to the junction temperature. This FET has the built–in
over temperature shut–down circuit in the gate area. And this circuit operation to shut–down the gate voltage in case of
high junction temperature like applying over power consumption, over current etc.
Features
• Logic level operation (6 V Gate drive)
• High endurance capability against to the short circuit
• Built–in the over temperature shut–down circuit
• Latch type shut–down operation (Need 0 voltage recovery)
Outline
LDPAK
1. Gate
2. Drain
3. Source
4. Drain
1
2
3
4
1
2
3
4
Gate resistor
Temperature
Sensing Circuit
Latch
Circuit
Gate
Shut-down
Circuit
D
S
G


Similar Part No. - HAF2021

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAF2021(L) RENESAS-HAF2021(L) Datasheet
115Kb / 11P
Silicon N Channel MOS FET Series Power Switching
HAF2021(L) RENESAS-HAF2021(L)_15 Datasheet
115Kb / 11P
Silicon N Channel MOS FET Series Power Switching
More results

Similar Description - HAF2021

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HAF2008 HITACHI-HAF2008 Datasheet
24Kb / 6P
SILICON N CHANNEL MOSFET SERIES POWER SWITCHING
logo
Renesas Technology Corp
HAT2170H RENESAS-HAT2170H Datasheet
91Kb / 8P
Silicon N Channel MOSFET Power Switching
HAF2001 RENESAS-HAF2001 Datasheet
92Kb / 9P
Silicon N Channel MOSFET Series Power Switching
HAF2002 RENESAS-HAF2002 Datasheet
94Kb / 9P
Silicon N Channel MOSFET Series Power Switching
HAF2005 RENESAS-HAF2005 Datasheet
88Kb / 8P
Silicon N Channel MOSFET Series Power Switching
HAF2007 RENESAS-HAF2007 Datasheet
95Kb / 9P
Silicon N Channel MOSFET Series Power Switching
HAF2014 RENESAS-HAF2014 Datasheet
87Kb / 8P
Silicon N Channel MOSFET Series Power Switching
HAF2015RJ RENESAS-HAF2015RJ Datasheet
142Kb / 10P
Silicon N Channel MOSFET Series Power Switching
HAF2017 RENESAS-HAF2017 Datasheet
134Kb / 9P
Silicon N Channel Power MOSFET Power Switching
HAT2203C RENESAS-HAT2203C Datasheet
97Kb / 7P
Silicon N Channel MOSFET power switching
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com