Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74ALVC1G86 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD74ALVC1G86
Description  2-input Exclusive-OR Gate
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74ALVC1G86 Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD74ALVC1G86 Datasheet HTML 1Page - Renesas Technology Corp HD74ALVC1G86 Datasheet HTML 2Page - Renesas Technology Corp HD74ALVC1G86 Datasheet HTML 3Page - Renesas Technology Corp HD74ALVC1G86 Datasheet HTML 4Page - Renesas Technology Corp HD74ALVC1G86 Datasheet HTML 5Page - Renesas Technology Corp HD74ALVC1G86 Datasheet HTML 6Page - Renesas Technology Corp HD74ALVC1G86 Datasheet HTML 7Page - Renesas Technology Corp HD74ALVC1G86 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
HD74ALVC1G86
Rev.5.00, Jun.20.2005 page 4 of 7
Switching Characteristics
VCC = 1.2 V
Ta = –40 to 85°C
Item
Symbol
Min
Typ
Max
Unit
Test
Conditions
FROM
(Input)
TO
(Output)
Propagation delay time
tPLH
tPHL
—
7.5
—
ns
CL = 15 pF
A or B
Y
VCC = 1.5 ± 0.1 V
Ta = –40 to 85°C
Item
Symbol
Min
Typ
Max
Unit
Test
Conditions
FROM
(Input)
TO
(Output)
Propagation delay time
tPLH
tPHL
2.0
—
8.0
ns
CL = 15 pF
A or B
Y
VCC = 1.8 ± 0.15 V
Ta = –40 to 85°C
Item
Symbol
Min
Typ
Max
Unit
Test
Conditions
FROM
(Input)
TO
(Output)
Propagation delay time
tPLH
tPHL
1.5
—
6.0
ns
CL = 30 pF
A or B
Y
VCC = 2.5 ± 0.2 V
Ta = –40 to 85°C
Item
Symbol
Min
Typ
Max
Unit
Test
Conditions
FROM
(Input)
TO
(Output)
Propagation delay time
tPLH
tPHL
1.0
—
4.0
ns
CL = 30 pF
A or B
Y
VCC = 3.3 ± 0.3 V
Ta = –40 to 85°C
Item
Symbol
Min
Typ
Max
Unit
Test
Conditions
FROM
(Input)
TO
(Output)
Propagation delay time
tPLH
tPHL
1.0
—
3.0
ns
CL = 30 pF
A or B
Y
Operating Characteristics
Ta = 25°C
Item
Symbol
VCC (V)
Min
Typ
Max
Unit
Test Conditions
1.5
—
10.5
—
1.8
—
10.5
—
2.5
—
10.5
—
Power dissipation
capacitance
CPD
3.3
—
11.5
—
pF
f = 10 MHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com