Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74ALVC1G86 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74ALVC1G86
Description  2-input Exclusive-OR Gate
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74ALVC1G86 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74ALVC1G86 Datasheet HTML 1Page - Renesas Technology Corp HD74ALVC1G86 Datasheet HTML 2Page - Renesas Technology Corp HD74ALVC1G86 Datasheet HTML 3Page - Renesas Technology Corp HD74ALVC1G86 Datasheet HTML 4Page - Renesas Technology Corp HD74ALVC1G86 Datasheet HTML 5Page - Renesas Technology Corp HD74ALVC1G86 Datasheet HTML 6Page - Renesas Technology Corp HD74ALVC1G86 Datasheet HTML 7Page - Renesas Technology Corp HD74ALVC1G86 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Rev.5.00, Jun.20.2005 page 1 of 7
HD74ALVC1G86
2–input Exclusive–OR Gate
REJ03D0128–0500
Rev.5.00
Jun.20.2005
Description
The HD74ALVC1G86 performs the Boolean functions Y = A
⊕ B or Y = AB + AB in positive logic. A common
application is as a true / complement element. If one of the inputs is low, the other input will be reproduced in true
form at the output. If one of the inputs is high, the signal on the other input will be reproduced inverted form at the
output. Low voltage and high-speed operation is suitable for the battery powered products (e.g., notebook computers),
and the low power consumption extends the battery life.
Features
• The basic gate function is lined up as Renesas uni logic series.
• Supplied on emboss taping for high-speed automatic mounting.
• Supply voltage range : 1.2 to 3.6 V
Operating temperature range : –40 to +85°C
• All inputs V
IH (Max.) = 3.6 V (@VCC = 0 V to 3.6 V)
All outputs VO (Max.) = 3.6 V (@VCC = 0 V)
• Output current
±2 mA (@VCC = 1.2 V)
±4 mA (@VCC = 1.4 V to 1.6 V)
±6 mA (@VCC = 1.65 V to 1.95 V)
±18 mA (@VCC = 2.3 V to 2.7 V)
±24 mA (@VCC = 3.0 V to 3.6 V)
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74ALVC1G86VSE
VSON-5 pin
PUSN0005KA-A
(TNP-5DV)
VS
E (3,000 pcs/reel)
Outline and Article Indication
• HD74ALVC1G86
Marking
= Control code
A
8
VSON–5


Similar Part No. - HD74ALVC1G86

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74ALVC1G86 HITACHI-HD74ALVC1G86 Datasheet
37Kb / 10P
2-input Exclusive-OR Gate
logo
Renesas Technology Corp
HD74ALVC1G86 RENESAS-HD74ALVC1G86_15 Datasheet
101Kb / 10P
2?밿nput Exclusive?밢R Gate
More results

Similar Description - HD74ALVC1G86

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F86DM NSC-54F86DM Datasheet
137Kb / 6P
2-Input Exclusive-OR Gate
logo
NXP Semiconductors
74AHC1G86 PHILIPS-74AHC1G86 Datasheet
61Kb / 12P
2-input EXCLUSIVE-OR gate
2002 Jun 06
74HC1G86 PHILIPS-74HC1G86 Datasheet
78Kb / 12P
2-input EXCLUSIVE-OR gate
1998 Aug 05
logo
Hitachi Semiconductor
HD74ALVC1G86 HITACHI-HD74ALVC1G86 Datasheet
37Kb / 10P
2-input Exclusive-OR Gate
logo
Unisonic Technologies
U74AHCT1G86 UTC-U74AHCT1G86 Datasheet
101Kb / 4P
2-INPUT EXCLUSIVE-OR GATE
logo
Fairchild Semiconductor
74F86 FAIRCHILD-74F86_03 Datasheet
64Kb / 5P
2-Input Exclusive-OR Gate
logo
Renesas Technology Corp
HD74LV1G86A RENESAS-HD74LV1G86A_08 Datasheet
110Kb / 8P
2-input Exclusive-OR Gate
RD74LVC1G86 RENESAS-RD74LVC1G86 Datasheet
2Mb / 8P
2-input Exclusive OR Gate
logo
NXP Semiconductors
74HC1G86GW.125 NXP-74HC1G86GW.125 Datasheet
77Kb / 11P
2-input EXCLUSIVE-OR gate
Rev. 04-20 July 2007
logo
Nexperia B.V. All right...
74AHC1G86-Q100 NEXPERIA-74AHC1G86-Q100 Datasheet
686Kb / 13P
2-input EXCLUSIVE-OR gate
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com