Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74ALVC2G07 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74ALVC2G07
Description  Triple Buffers / Drivers with Open Drain
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74ALVC2G07 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74ALVC2G07 Datasheet HTML 1Page - Renesas Technology Corp HD74ALVC2G07 Datasheet HTML 2Page - Renesas Technology Corp HD74ALVC2G07 Datasheet HTML 3Page - Renesas Technology Corp HD74ALVC2G07 Datasheet HTML 4Page - Renesas Technology Corp HD74ALVC2G07 Datasheet HTML 5Page - Renesas Technology Corp HD74ALVC2G07 Datasheet HTML 6Page - Renesas Technology Corp HD74ALVC2G07 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev.5.00 Sep 08, 2006 page 1 of 6
HD74ALVC2G07
Triple Buffers / Drivers with Open Drain
REJ03D0163-0500
Rev.5.00
Sep 08, 2006
Description
The HD74ALVC2G07 has triple buffers / drivers with open drain outputs in an 8 pin package. Low voltage and high-
speed operation is suitable for the battery powered products (e.g., notebook computers), and the low power
consumption extends the battery life.
Features
• The basic gate function is lined up as Renesas uni logic series.
• Supplied on emboss taping for high-speed automatic mounting.
• Supply voltage range : 1.2 to 3.6 V
• Operating temperature range: −40 to +85°C
• All inputs V
IH (Max.) = 3.6 V (@VCC = 0 V to 3.6 V)
• All outputs V
O (Max.) = 3.6 V (@VCC = 0 V, Output: Z)
• Output current
2 mA (@VCC = 1.2 V)
4 mA (@VCC = 1.4 V to 1.6 V)
6 mA (@VCC = 1.65 V to 1.95 V)
18 mA (@VCC = 2.3 V to 2.7 V)
24 mA (@VCC = 3.0 V to 3.6 V)
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74ALVC2G07USE
SSOP-8 pin
PVSP0008KA-A
(TTP-8DBV)
US
E (3,000 pcs/reel)
Outline and Article Indication
• HD74ALVC2G07
Lot No.
Y : Year code
(the last digit of year)
M : Month code
W : Week code
Y M W
A 0 7
Marking
Index band
SSOP-8


Similar Part No. - HD74ALVC2G07

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74ALVC2G07 HITACHI-HD74ALVC2G07 Datasheet
56Kb / 10P
Triple Buffers / Drivers
logo
Renesas Technology Corp
HD74ALVC2G07 RENESAS-HD74ALVC2G07_15 Datasheet
109Kb / 9P
Triple Buffers / Drivers with Open Drain
More results

Similar Description - HD74ALVC2G07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV07A TI-SN54LV07A Datasheet
314Kb / 11P
HEX BUFFERS / DRIVERS WITH OPEN - DRAIN OUTPUTS
SN74LVC07A TI-SN74LVC07A Datasheet
685Kb / 19P
HEX BUFFERS DRIVERS WITH OPEN-DRAIN OUTPUTS
SN54LVC07A TI-SN54LVC07A Datasheet
395Kb / 17P
HEX BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
logo
Renesas Technology Corp
RD74LVC2G07 RENESAS-RD74LVC2G07 Datasheet
2Mb / 7P
Dual Buffers / Drivers with Open Drain
HD74ALVC2G06 RENESAS-HD74ALVC2G06 Datasheet
79Kb / 7P
Triple Inverter Buffers / Drivers with Open Drain
logo
Texas Instruments
SN54LV07A TI-SN54LV07A_10 Datasheet
463Kb / 15P
HEX BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
SN54LV07A_101 TI-SN54LV07A_101 Datasheet
462Kb / 15P
HEX BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
logo
Renesas Technology Corp
HD74LV07A RENESAS-HD74LV07A_15 Datasheet
126Kb / 10P
Hex Buffers / Drivers with Open Drain Outputs
HD74ALVC2G07 RENESAS-HD74ALVC2G07_15 Datasheet
109Kb / 9P
Triple Buffers / Drivers with Open Drain
HD74ALVC2G06 RENESAS-HD74ALVC2G06_15 Datasheet
114Kb / 9P
Triple Inverter Buffers / Drivers with Open Drain
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com