Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74ALVC2G07 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HD74ALVC2G07
Description  Triple Buffers / Drivers with Open Drain
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74ALVC2G07 Datasheet(HTML) 2 Page - Renesas Technology Corp

  HD74ALVC2G07 Datasheet HTML 1Page - Renesas Technology Corp HD74ALVC2G07 Datasheet HTML 2Page - Renesas Technology Corp HD74ALVC2G07 Datasheet HTML 3Page - Renesas Technology Corp HD74ALVC2G07 Datasheet HTML 4Page - Renesas Technology Corp HD74ALVC2G07 Datasheet HTML 5Page - Renesas Technology Corp HD74ALVC2G07 Datasheet HTML 6Page - Renesas Technology Corp HD74ALVC2G07 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
HD74ALVC2G07
Rev.5.00 Sep 08, 2006 page 2 of 6
Function Table
Input A
Output Y
L
L
H
Z
H:
High level
L:
Low level
Z:
High impedance
Pin Arrangement
(Top view)
8VCC
1
71Y
63A
52Y
1A
2
3Y
3
2A
4
GND
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Conditions
Supply voltage range
VCC
−0.5 to 4.6
V
Input voltage range
*1
VI
−0.5 to 4.6
V
−0.5 to VCC+0.5
Output : L
Output voltage range
*1, 2
VO
−0.5 to 4.6
V
VCC : OFF or Output : Z
Input clamp current
IIK
−50
mA
VI < 0
Output clamp current
IOK
−50
mA
VO < 0
Continuous output current
IO
±50
mA
VO = 0 to VCC
Continuous current through
VCC or GND
ICC or IGND
±100
mA
Maximum power dissipation
at Ta = 25°C (in still air)
*3
PT
200
mW
Storage temperature
Tstg
−65 to 150
°C
Notes:
The absolute maximum ratings are values, which must not individually be exceeded, and furthermore, no two
of which may be realized at the same time.
3.
The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are
observed.
3.
This value is limited to 4.6 V maximum.
3.
The maximum package power dissipation was calculated using a junction temperature of 150°C.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com