Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH310 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH310
Description  HIGH VOLTAGE ULTRAFAST RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH310 Datasheet(HTML) 1 Page - STMicroelectronics

  STTH310 Datasheet HTML 1Page - STMicroelectronics STTH310 Datasheet HTML 2Page - STMicroelectronics STTH310 Datasheet HTML 3Page - STMicroelectronics STTH310 Datasheet HTML 4Page - STMicroelectronics STTH310 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/5
STTH310/S
January 2003 - Ed: 1
HIGH VOLTAGE ULTRAFAST RECTIFIER
®
The STTH310, which is using ST ultrafast high
voltage planar technology, is specially suited for
free-wheeling, clamping, snubbering, demagneti-
zation in power supplies and other power switching
applications.
DESCRIPTION
s
Low forward voltage drop
s
High reliability
s
High surge current capability
s
Soft switching for reduced EMI disturbances
s
Planar technology
FEATURES AND BENEFITS
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
1000
V
V(RMS)
RMS voltage
700
V
IF(AV)
Average forward current
Tl = 75°C
δ =0.5
DO-201AD
3
A
Tl = 75°C
δ =0.5
SMC
3
IFSM
Forward surge current
t = 8.3 ms
DO-201AD
55
A
SMC
45
Tstg
Storage temperature range
- 50 + 175
°C
Tj
Maximum operating junction temperature
+ 175
°C
ABSOLUTE RATINGS (limiting values)
IF(AV)
3A
VRRM
1000 V
Tj (max)
175 °C
VF (max)
1.42 V
MAIN PRODUCT CHARACTERISTICS
DO-201AD
STTH310
SMC
STTH310S


Similar Part No. - STTH310

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH310 STMICROELECTRONICS-STTH310 Datasheet
85Kb / 7P
High voltage ultrafast rectifier
03-Apr-2007
STTH310-C2 STMICROELECTRONICS-STTH310-C2 Datasheet
85Kb / 7P
High voltage ultrafast rectifier
03-Apr-2007
STTH310-Y STMICROELECTRONICS-STTH310-Y Datasheet
223Kb / 7P
Very low conduction losses
05-Feb-2014
STTH310-Y STMICROELECTRONICS-STTH310-Y Datasheet
282Kb / 8P
Automotive 3 A - 1000 V ultrafast rectifier
18-Mar-2022
STTH310-Y STMICROELECTRONICS-STTH310-Y_V01 Datasheet
282Kb / 8P
Automotive 3 A - 1000 V ultrafast rectifier
18-Mar-2022
More results

Similar Description - STTH310

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH112 STMICROELECTRONICS-STTH112 Datasheet
60Kb / 6P
HIGH VOLTAGE ULTRAFAST RECTIFIER
Jan-2003
STTH112 STMICROELECTRONICS-STTH112_07 Datasheet
88Kb / 7P
High voltage ultrafast rectifier
20-Mar-2007
STTH310 STMICROELECTRONICS-STTH310_07 Datasheet
85Kb / 7P
High voltage ultrafast rectifier
03-Apr-2007
logo
Vishay Siliconix
UG5JT VISHAY-UG5JT_07 Datasheet
143Kb / 5P
High Voltage Ultrafast Rectifier
09-Nov-07
UG8HT VISHAY-UG8HT Datasheet
144Kb / 5P
High Voltage Ultrafast Rectifier
12-Nov-07
UH10JT VISHAY-UH10JT Datasheet
130Kb / 5P
High Voltage Ultrafast Rectifier
25-Aug-08
UGF8XT VISHAY-UGF8XT Datasheet
133Kb / 5P
High Voltage Ultrafast Rectifier
21-Aug-13
UH5JT VISHAY-UH5JT_V01 Datasheet
120Kb / 4P
High Voltage Ultrafast Rectifier
07-Dec-12
UH8JT VISHAY-UH8JT_V01 Datasheet
129Kb / 5P
High Voltage Ultrafast Rectifier
13-May-08
logo
STMicroelectronics
STTH240F04 STMICROELECTRONICS-STTH240F04 Datasheet
305Kb / 9P
Ultrafast high voltage rectifier
May 2015
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com