Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74ALVC2G86 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74ALVC2G86
Description  Dual 2-input Exclusive-OR Gates
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74ALVC2G86 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74ALVC2G86 Datasheet HTML 1Page - Renesas Technology Corp HD74ALVC2G86 Datasheet HTML 2Page - Renesas Technology Corp HD74ALVC2G86 Datasheet HTML 3Page - Renesas Technology Corp HD74ALVC2G86 Datasheet HTML 4Page - Renesas Technology Corp HD74ALVC2G86 Datasheet HTML 5Page - Renesas Technology Corp HD74ALVC2G86 Datasheet HTML 6Page - Renesas Technology Corp HD74ALVC2G86 Datasheet HTML 7Page - Renesas Technology Corp HD74ALVC2G86 Datasheet HTML 8Page - Renesas Technology Corp HD74ALVC2G86 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Rev.3.00, Dec.18.2003, page 1 of 9
HD74ALVC2G86
Dual 2-input Exclusive-OR Gates
REJ03D0170–0300Z
(Previous ADE-205-614B (Z))
Rev.3.00
Dec.18.2003
Description
The HD74ALVC2G86 performs the Boolean functions Y =
Α⊕B or Y = AB + AB in positive logic. A
common application is as a true / complement element. If one of the inputs is low, the other input will be
reproduced in true form at the output. If one of the inputs is high, the signal on the other input will be
reproduced inverted form at the output. Low voltage and high-speed operation is suitable for the battery
powered products (e.g., notebook computers), and the low power consumption extends the battery life.
Features
• The basic gate function is lined up as Renesas uni logic series.
• Supplied on emboss taping for high-speed automatic mounting.
• Supply voltage range : 1.2 to 3.6 V
Operating temperature range:
−40 to +85°C
• All inputs V
IH (Max.) = 3.6 V (@VCC = 0 V to 3.6 V)
All outputs VO (Max.) = 3.6 V (@VCC = 0 V)
• Output current
±2 mA (@V
CC = 1.2 V)
±4 mA (@V
CC = 1.4 V to 1.6 V)
±6 mA (@V
CC = 1.65 V to 1.95 V)
±18 mA (@V
CC = 2.3 V to 2.7 V)
±24 mA (@V
CC = 3.0 V to 3.6 V)
• Ordering Information
Part Name
Package Type
Package Code
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74ALVC2G86USE
SSOP-8 pin
TTP-8DBV
US
E (3,000 pcs/reel)


Similar Part No. - HD74ALVC2G86

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74ALVC2G86 RENESAS-HD74ALVC2G86_15 Datasheet
114Kb / 12P
Dual 2-input Exclusive-OR Gates
More results

Similar Description - HD74ALVC2G86

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN5486 TI-SN5486 Datasheet
647Kb / 15P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN54ACT86 TI-SN54ACT86 Datasheet
514Kb / 15P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN54ALS86 TI-SN54ALS86 Datasheet
95Kb / 6P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN54HC86 TI-SN54HC86 Datasheet
497Kb / 14P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
logo
Hitachi Semiconductor
HD74LS86 HITACHI-HD74LS86 Datasheet
43Kb / 5P
Quadruple 2-input Exclusive-OR Gates
logo
Renesas Technology Corp
HD74LS86 RENESAS-HD74LS86 Datasheet
59Kb / 5P
Quadruple 2-input Exclusive-OR Gates
HD74HC386 RENESAS-HD74HC386 Datasheet
83Kb / 7P
Quad. 2-input Exclusive-OR Gates
HD74ALVC2G86 RENESAS-HD74ALVC2G86_15 Datasheet
114Kb / 12P
Dual 2-input Exclusive-OR Gates
logo
Unisonic Technologies
U74HC86 UTC-U74HC86_15 Datasheet
174Kb / 5P
QUAD 2-INPUT EXCLUSIVE-OR GATES
logo
Texas Instruments
8404601DA TI1-8404601DA Datasheet
1Mb / 20P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com