Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74BC574AFPEL Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HD74BC574AFPEL
Description  Octal D Type Flip Flops With 3 State Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74BC574AFPEL Datasheet(HTML) 7 Page - Renesas Technology Corp

  HD74BC574AFPEL Datasheet HTML 1Page - Renesas Technology Corp HD74BC574AFPEL Datasheet HTML 2Page - Renesas Technology Corp HD74BC574AFPEL Datasheet HTML 3Page - Renesas Technology Corp HD74BC574AFPEL Datasheet HTML 4Page - Renesas Technology Corp HD74BC574AFPEL Datasheet HTML 5Page - Renesas Technology Corp HD74BC574AFPEL Datasheet HTML 6Page - Renesas Technology Corp HD74BC574AFPEL Datasheet HTML 7Page - Renesas Technology Corp HD74BC574AFPEL Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
HD74BC574A
Rev.3.00, Jul.16.2004, page 7 of 7
Package Dimensions
Package Code
JEDEC
JEITA
Mass (reference value)
FP-20DAV
—
Conforms
0.31 g
*Ni/Pd/Au plating
*0.40 ± 0.06
0.12
0.15
M
20
10
1
0.80 Max
11
12.6
13 Max
0˚ – 8˚
0.70 ± 0.20
+ 0.20
– 0.30
7.80
1.27
1.15
As of January, 2003
Unit: mm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com