Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74BC574AFPEL Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HD74BC574AFPEL
Description  Octal D Type Flip Flops With 3 State Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74BC574AFPEL Datasheet(HTML) 2 Page - Renesas Technology Corp

  HD74BC574AFPEL Datasheet HTML 1Page - Renesas Technology Corp HD74BC574AFPEL Datasheet HTML 2Page - Renesas Technology Corp HD74BC574AFPEL Datasheet HTML 3Page - Renesas Technology Corp HD74BC574AFPEL Datasheet HTML 4Page - Renesas Technology Corp HD74BC574AFPEL Datasheet HTML 5Page - Renesas Technology Corp HD74BC574AFPEL Datasheet HTML 6Page - Renesas Technology Corp HD74BC574AFPEL Datasheet HTML 7Page - Renesas Technology Corp HD74BC574AFPEL Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
HD74BC574A
Rev.3.00, Jul.16.2004, page 2 of 7
Pin Arrangement
(Top view)
11
12
13
14
15
16
17
18
19
20
VCC
1Q
2Q
3Q
4Q
8Q
7Q
6Q
5Q
CK
1
2
3
4
5
6
7
8
9
10
GND
1D
2D
3D
4D
8D
7D
6D
5D
Output
Control
Absolute Maximum Ratings
Item
Symbol
Rating
Unit
Supply voltage
V
CC
–0.5 to +7.0
V
Input diode current
I
IK
±30
mA
Input voltage
V
IN
–0.5 to +7.5
V
Output voltage
V
OUT
–0.5 to +7.5
V
Off state output voltage
V
OUT(off)
–0.5 to +5.5
V
Storage temperature
Tstg
–65 to +150
°C
Note:
1. The absolute maximum ratings are values which must not individually be exceeded, and furthermore, no two
of which may be realized at the same time.
Recommended Operating Conditions
Item
Symbol
Min
Typ
Max
Unit
Supply voltage
V
CC
4.5
5.0
5.5
V
Input voltage
V
IN
0—
V
CC
V
Output voltage
V
OUT
0—
V
CC
V
Operating temperature
Topr
–40
—
85
°C
Input rise/fall time*
1
t
r, tf
0—
8ns/V
Note:
1. This item guarantees maximum limit when one input switches.
Waveform: Refer to test circuit of switching characteristics.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com