Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH802CT Datasheet(PDF) 2 Page - STMicroelectronics

Part # STTH802CT
Description  HIGH EFFICIENCY ULTRAFAST DIODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH802CT Datasheet(HTML) 2 Page - STMicroelectronics

  STTH802CT Datasheet HTML 1Page - STMicroelectronics STTH802CT Datasheet HTML 2Page - STMicroelectronics STTH802CT Datasheet HTML 3Page - STMicroelectronics STTH802CT Datasheet HTML 4Page - STMicroelectronics STTH802CT Datasheet HTML 5Page - STMicroelectronics STTH802CT Datasheet HTML 6Page - STMicroelectronics STTH802CT Datasheet HTML 7Page - STMicroelectronics STTH802CT Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
STTH802/CT/CB/CFP
2/8
Symbol
Parameter
Tests conditions
Min.
Typ.
Max.
Unit
IR*
Reverse leakage
current
Tj = 25°C
VR =VRRM
4
µA
Tj = 125°C
2
40
VF**
Forward voltage drop
Tj = 25°C
IF = 4 A
1.1
V
Tj = 125°C
IF = 4 A
0.81
0.95
Tj = 25°C
IF = 8 A
1.25
Tj = 125°C
IF = 8 A
0.95
1.1
Pulse test: * tp = 5ms,
δ <2%
** tp = 380µs,
δ <2%
To evaluate the maximum conduction losses use the following equation :
P=0.80xIF(AV) + 0.037 IF
2
(RMS)
STATIC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Maximum
Unit
Rth (j-c)
Junction to case
TO-220AB / DPAK
Per diode
4.0
°C/W
TO-220FPAB
6.5
TO-220AB / DPAK
Total
2.5
TO-220FPAB
5
Rth (j-c)
Coupling
TO-220AB / DPAK
1
°C/W
TO-220FPAB
3.5
When the diodes 1 and 2 are used simultaneously:
∆ Tj (diode1) = P(diode1) x Rth(j-c) (per diode) + P(diode2) x Rth(c)
THERMAL PARAMETERS
Symbol
Parameter
Tests conditions
Min.
Typ.
Max.
Unit
trr
Reverse recovery
time
Tj = 25°C
IF = 0.5 A Irr = 0.25 A
IR =1A
13
20
ns
tfr
Forward recovery
time
Tj = 25°C
IF =4A dIF/dt = 100 A/
µs
VFR =1.1xVFmax
50
ns
VFP
Forward recovery
voltage
Tj = 25°C
IF =4A dIF/dt = 100 A/
µs
2.4
V
DYNAMIC ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com