Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH802CT Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTH802CT
Description  HIGH EFFICIENCY ULTRAFAST DIODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH802CT Datasheet(HTML) 3 Page - STMicroelectronics

  STTH802CT Datasheet HTML 1Page - STMicroelectronics STTH802CT Datasheet HTML 2Page - STMicroelectronics STTH802CT Datasheet HTML 3Page - STMicroelectronics STTH802CT Datasheet HTML 4Page - STMicroelectronics STTH802CT Datasheet HTML 5Page - STMicroelectronics STTH802CT Datasheet HTML 6Page - STMicroelectronics STTH802CT Datasheet HTML 7Page - STMicroelectronics STTH802CT Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
STTH802/CT/CB/CFP
3/8
0
1
2
3
4
5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
I
(A)
F(av)
δ = 0.05 δ = 0.1
δ = 0.2
δ = 0.5
δ = 1
T
δ=tp/T
tp
P
(W)
F(av)
Fig. 1: Average forward power dissipation versus
average forward current (per diode).
0
10
20
30
40
50
60
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
P= 5 W
P= 2 W
P = 10W
I (A)
M
δ
T
δ=tp/T
tp
Fig. 2: Peak current versus form factor (per diode).
0.1
1.0
10.0
100.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
V
(V)
FM
Tj=25°C
Maximum values
Tj=125°C
Maximum values
Tj=125°C
Maximum values
Tj=125°C
Typical values
Tj=125°C
Typical values
I
(A)
FM
Fig. 3:
Forward voltage drop versus forward
current (per diode).
0.0
0.1
1.0
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
tp(s)
Zth(j-c) / Rth(j-c)
δ = 0.5
δ = 0.2
δ = 0.1
Single pulse
T
δ=tp/T
tp
Fig. 4-2: Relative variation of thermal impedance
junction to case versus duration (TO-220FPAB).
0.1
1.0
1.E-03
1.E-02
1.E-01
1.E+00
tp(s)
Zth(j-c) / Rth(j-c)
δ = 0.5
δ = 0.2
δ = 0.1
Single pulse
T
δ=tp/T
tp
Fig. 4-1: Relative variation of thermal impedance
junction to case versus pulse duration (TO-220AB,
DPAK).
0
10
20
30
40
50
60
70
1.E-03
1.E-02
1.E-01
1.E+00
t(s)
Tc=25°C
Tc=75°C
Tc=125°C
I (A)
M
IM
t
δ=0.5
Fig. 5-1:
Non repetitive surge peak forward
current versus overload duration per diode
(TO-220AB, DPAK).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com