Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M306H2FCFP Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # M306H2FCFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with DATA ACQUISITION CONTROLLER
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M306H2FCFP Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button M306H2FCFP Datasheet HTML 3Page - Renesas Technology Corp M306H2FCFP Datasheet HTML 4Page - Renesas Technology Corp M306H2FCFP Datasheet HTML 5Page - Renesas Technology Corp M306H2FCFP Datasheet HTML 6Page - Renesas Technology Corp M306H2FCFP Datasheet HTML 7Page - Renesas Technology Corp M306H2FCFP Datasheet HTML 8Page - Renesas Technology Corp M306H2FCFP Datasheet HTML 9Page - Renesas Technology Corp M306H2FCFP Datasheet HTML 10Page - Renesas Technology Corp M306H2FCFP Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 251 page
background image
6
Rev. 1.0
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
with DATA ACQUISITION CONTROLLER
MITSUBISHI MICROCOMPUTERS
M306H2FCFP
Table 1.5.2 Pin Description
VCC, VSS
CNVSS
Signal name
Power supply
input
CNVSS
Supply 4.75 to 5.25 V to the Vcc pin. Supply 0 V to the Vss pin.
Function
Connect this pin to VSS.
Pin name
Input
I/O type
XIN
XOUT
Clock input
Clock output
These pins are provided for the main clock generating circuit. Connect
a ceramic resonator or crystal between the XIN and the XOUT pins. To
use an externally derived clock, input it to the XIN pin and leave the
Input
Output
Reset input
A “L” on this input resets the microcomputer.
Input
RESET
BYTE
External data
bus width
select input
This pin selects the width of an external data bus.
A 16-bit width is
selected when this input is “L”; an 8-bit width is selected when this input
is “H”. This input must be fixed to either “H” or “L”. Connect this pin to
the VSS pin when not using external data bus.
Input
AVCC
Analog power
supply input
This pin is a power supply input for the A-D converter. Connect this
pin to VCC.
XOUT pin open.
VREF
Reference
voltage input
This pin is a reference voltage input for the A-D converter.
Input
P00 to P07
I/O port P0
This is an 8-bit CMOS I/O port. It has an input/output port direction
register that allows the user to set each pin for input or output
individually. When used for input in signal-chip mode, the port can be
set to have or not have a pull-up resistor in units of four bits by software.
In memory expansion mode, selection of the internal pull-resistor in not
available.
Input/output
AVSS
This pin is a power supply input for the A-D converter. Connect this
pin to VSS.
Analog power
supply input
P10 to P17
I/O port P1
This is an 8-bit I/O port equivalent to P0. Pins in this port also function
as external interrupt pins as selected by software.
Input/output
D0 to D7
When set as a separate bus, these pins input and output data (D0–D7).
Input/output
D8 to D15
When set as a separate bus, these pins input and output data (D8–D15).
Input/output
P20 to P27
I/O port P2
This is an 8-bit I/O port equivalent to P0.
Input/output
A0 to A7
These pins output 8 low-order address bits (A0–A7).
Output
A0/D0 to
A7/D7
If the external bus is set as an 8-bit wide multiplexed bus, these pins
input and output data (D0–D7) and output 8 low-order address bits
(A0–A7) separated in time by multiplexing.
Input/output
A0, A1/D0
to A7/D6
If the external bus is set as a 16-bit wide multiplexed bus, these pins
input and output data (D0–D6) and output address (A1–A7) separated
in time by multiplexing. They also output address (A 0).
Output
Input/output
P30 to P37
I/O port P3
This is an 8-bit I/O port equivalent to P0.
Input/output
A8 to A15
These pins output 8 middle-order address bits (A8–A15).
Output
A8/D7,
A9 to A15
If the external bus is set as a 16-bit wide multiplexed bus, these pins
input and output data (D7) and output address (A8) separated in time
by multiplexing. They also output address (A 9–A15).
Input/output
Output
P40 to P47
I/O port P4
This is an 8-bit I/O port equivalent to P0.
Input/output
Output
Output
CS0 to CS3,
A16 to A19
These pins output CS0–CS3 signals and A16–A19. CS0–CS3 are chip
select signals used to specify an access space. A16–A19 are 4 high-
order address bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com