Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M306H2FCFP Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # M306H2FCFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with DATA ACQUISITION CONTROLLER
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M306H2FCFP Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button M306H2FCFP Datasheet HTML 5Page - Renesas Technology Corp M306H2FCFP Datasheet HTML 6Page - Renesas Technology Corp M306H2FCFP Datasheet HTML 7Page - Renesas Technology Corp M306H2FCFP Datasheet HTML 8Page - Renesas Technology Corp M306H2FCFP Datasheet HTML 9Page - Renesas Technology Corp M306H2FCFP Datasheet HTML 10Page - Renesas Technology Corp M306H2FCFP Datasheet HTML 11Page - Renesas Technology Corp M306H2FCFP Datasheet HTML 12Page - Renesas Technology Corp M306H2FCFP Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 251 page
background image
8
Rev. 1.0
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
with DATA ACQUISITION CONTROLLER
MITSUBISHI MICROCOMPUTERS
M306H2FCFP
Table 1.5.4 Pin Description
Signal name
Function
Pin name
I/O type
Synchronous
slice level input
SVREF
Input
When slice the vertical synchronous signal, input slice power.
Composite
video signal
input 1
CVIN1
Input
This pin inputs the external composite video signal. Data slices this
signal internally by setting.
Composite
video signal
input 2
SYNCIN
Input
Chip mode
setting input
M1
Input
Usually, supply 0 V to the pin.
Filter output 1
LP2
Output
This is a filter output pin 1 (for fSC).
Filter output 2
LP3
Output
This is a filter output pin 2 (for VPS).
fsc input pin for
synchronous
signal
generation
FSCIN
Input
Sub-carrier (fsc) input pin for synchronous signal generation.
Filter output 3
LP4
Output
This is a filter output pin 3 (for PDC).
This pin inputs the external composite video signal. Synchronous
devides this signal internally.
Power supply
input
VDD1, VSS1
Digital power supply pin. Supply 4.75 to 5.25 V to the VDD1 pin.
Supply 0 V to the VSS1 pin.
Power supply
input
VDD2, VSS2
Analog power supply pin. Supply 4.75 to 5.25 V to the V DD2 pin.
Supply 0 V to the V SS2 pin
Power supply
input
VDD3, VSS3
Analog power supply pin. Supply 4.75 to 5.25 V to the VDD3 pin.
Supply 0 V to the V SS3 pin
Power supply
input for flash
rewriting
M2
Input
It is power supply input pin for rewriting of built-in flash memory.
Usually supply 0V to M2 pin, and supply 4.75-5.25V at the time of
rewriting of built-in flash memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com