Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M306H2MC Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # M306H2MC
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with DATA ACQUISITION CONTROLLER
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M306H2MC Datasheet(HTML) 2 Page - Renesas Technology Corp

  M306H2MC Datasheet HTML 1Page - Renesas Technology Corp M306H2MC Datasheet HTML 2Page - Renesas Technology Corp M306H2MC Datasheet HTML 3Page - Renesas Technology Corp M306H2MC Datasheet HTML 4Page - Renesas Technology Corp M306H2MC Datasheet HTML 5Page - Renesas Technology Corp M306H2MC Datasheet HTML 6Page - Renesas Technology Corp M306H2MC Datasheet HTML 7Page - Renesas Technology Corp M306H2MC Datasheet HTML 8Page - Renesas Technology Corp M306H2MC Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 210 page
background image
1. DESCRIPTION
The M306H2MC-XXXFP is single-chip microcomputer using the high-performance silicon gate CMOS pro-
cess using a M16C/60 Series CPU core and is packaged in a 116-pin plastic molded QFP. This single-chip
microcomputer operates using sophisticated instructions featuring a high level of instruction efficiency.
With 1M bytes of address space, this is capable of executing instructions at high speed. This also features
a built-in data acquisition circuit, making this correspondence to Teletext broadcasting service.
1.1 Features
• Memory capacity .................................. <ROM>128K bytes
<RAM>5K bytes
• Shortest instruction execution time ...... 100 ns (f(XIN)=10 MHz)
• Supply voltage ..................................... 4.75 V to 5.25V(at f(XIN)=10 MHz)
2.80V to 5.25V(at f(XCIN)=32kHZ, only in low power dissipation mode)
• Interrupts .............................................. 25 internal and 8 external interrupt sources, 4 software
interrupt sources; 7 levels (Including key input interrupt)
• Multifunction 16-bit timer ...................... 5 output timers + 6 input timers
• Serial I/O .............................................. 5 channels
UART/clock synchronous: 3
Clock synchronous: 2
• DMAC .................................................. 2 channels (trigger: 24 sources)
• A-D converter ....................................... 8 bits X 8 channels (Expandable up to 10 channels)
• D-A converter ....................................... 8 bits X 2 channels
• CRC calculation circuit ......................... 1 circuit
• Watchdog timer .................................... 1 line
• Programmable I/O ............................... 87 lines
• Input port ..............................................
_______
1 port (P85 shared with NMI pin)
• Output port ........................................... 1 port (P11 shared with SLICEON pin)
• Chip select output ................................ 4 lines
• Clock generating circuit ....................... 2 built-in circuits
(built-in feedback resistor, and external ceramic or crystal oscillator)
• Data acquisition circuit ......................... For PDC, VPS, EPG-J, XDS and WSS
1.2 Applications
VCR, etc
Rev. 1.0
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
with DATA ACQUISITION CONTROLLER
MITSUBISHI MICROCOMPUTERS
M306H2MC-XXXFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com