Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M306H2MC Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # M306H2MC
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with DATA ACQUISITION CONTROLLER
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M306H2MC Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button M306H2MC Datasheet HTML 17Page - Renesas Technology Corp M306H2MC Datasheet HTML 18Page - Renesas Technology Corp M306H2MC Datasheet HTML 19Page - Renesas Technology Corp M306H2MC Datasheet HTML 20Page - Renesas Technology Corp M306H2MC Datasheet HTML 21Page - Renesas Technology Corp M306H2MC Datasheet HTML 22Page - Renesas Technology Corp M306H2MC Datasheet HTML 23Page - Renesas Technology Corp M306H2MC Datasheet HTML 24Page - Renesas Technology Corp M306H2MC Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 210 page
background image
20
Rev. 1.0
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
with DATA ACQUISITION CONTROLLER
MITSUBISHI MICROCOMPUTERS
M306H2MC-XXXFP
2.4 Processor Mode
(1) Types of Processor Mode
Processor mode can be used at microprocessor mode.
One of three processor modes can be selected:single-chip mode,memory expansion mode,and mi-
cro-processor mode.The functions of some pins,the memory map,and the access space differ accord-
ing to the selected processor mode.
• Single-chip mode
In single-chip mode,only internal memory space (SFR,internal RAM,and internal ROM)can be
accessed.Ports P0 to P10 can be used as programmable I/O ports or as I/O ports for the internal
peripheral functions.
• Memory expansion mode
In memory expansion mode,external memory can be accessed in addition to the internal memory
space (SFR,internal RAM,and internal ROM).
In this mode,some of the pins function as the address bus,the data bus,and as control signals.The
number of pins assigned to these functions depends on the bus and register settings.(See "Bus
Settings " for details..)
• Microprocessor mode
In microprocessor mode,the SFR,internal RAM,and external memory space can be accessed.The
internal ROM area cannot be accessed.
In this mode,some of the pins function as the address bus,the data bus,and as control signals.The
number of pins assigned to these functions depends on the bus and register settings.(See "2.4.1 Bus
Settings " for details..)
(2) Setting Processor Modes
The processor mode is set using the CNVSS pin and the processor mode bits (bits 1 and 0 at address
000416).Do not set the processor mode bits to "102 ".
Regardless of the level of the CNVSS pin,changing the processor mode bits selects the
mode.Therefore,
never change the processor mode bits when changing the contents of other bits.Also do not attempt to
shift to or from the microprocessor mode within the program stored in the internal ROM area.
• Applying VSS to CNVSS pin
The microcomputer begins operation in single-chip mode after being reset.Memory expansion mode
is selected by writing "012 " to the processor mode is selected bits..
• Applying VCC to CNVSS pin
The microcomputer starts to operate in microprocessor mode after being reset.
Figure 2.4.1 shows the processor mode register 0 and 1.
Figure 2.4.2 shows the memory maps applicable for each of the modes when memory area dose not
be expanded (normal mode).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com