Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH8L06FP Datasheet(PDF) 2 Page - STMicroelectronics

Part # STTH8L06FP
Description  TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH8L06FP Datasheet(HTML) 2 Page - STMicroelectronics

  STTH8L06FP Datasheet HTML 1Page - STMicroelectronics STTH8L06FP Datasheet HTML 2Page - STMicroelectronics STTH8L06FP Datasheet HTML 3Page - STMicroelectronics STTH8L06FP Datasheet HTML 4Page - STMicroelectronics STTH8L06FP Datasheet HTML 5Page - STMicroelectronics STTH8L06FP Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
STTH8L06D/FP
2/6
Symbol
Parameter
Maximum
Unit
Rth(j-c)
Junction to case
TO-220AC
2.5
°C/W
TO-220FPAC
5
THERMAL PARAMETERS
Symbol
Parameter
Tests conditions
Min.
Typ.
Max.
Unit
IR
Reverse leakage
current
VR = 600V
Tj = 25°C
8
µA
Tj = 150°C
16
200
VF
Forward voltage drop
IF = 8 A
Tj = 25°C
1.3
V
Tj = 150°C
0.85
1.05
To evaluate the maximum conduction losses use the following equation :
P=0.89xIF(AV) + 0.022 IF
2
(RMS)
STATIC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Tests conditions
Min.
Typ.
Max.
Unit
trr
Reverse recovery
time
IF =1A dIF/dt = 50 A/µs
VR = 30V
Tj = 25°C
75
105
ns
tfr
Forward recovery
time
IF =8A dIF/dt = 100 A/
µs
VFR =1.1xVFmax
Tj = 25°C
150
ns
VFP
Peak forward
voltage
IF =8A dIF/dt = 100 A/
µs Tj = 25°C
6
V
DYNAMIC ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com