Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH8L06FP Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTH8L06FP
Description  TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH8L06FP Datasheet(HTML) 4 Page - STMicroelectronics

  STTH8L06FP Datasheet HTML 1Page - STMicroelectronics STTH8L06FP Datasheet HTML 2Page - STMicroelectronics STTH8L06FP Datasheet HTML 3Page - STMicroelectronics STTH8L06FP Datasheet HTML 4Page - STMicroelectronics STTH8L06FP Datasheet HTML 5Page - STMicroelectronics STTH8L06FP Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
STTH8L06D/FP
4/6
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
25
50
75
100
125
150
175
200
dIF/dt(A/µs)
IF = IF(av)
VR=400V
Tj=125°C
S factor
Fig. 7: Softness factor versus dIF/dt (typical
values).
0.00
0.25
0.50
0.75
1.00
1.25
25
50
75
100
125
Tj(°C)
IRM
QRR
S factor
IF = IF(av)
VR=400V
Reference: Tj=125°C
Fig.
8:
Relative
variations
of
dynamic
parameters versus junction temperature.
0
1
2
3
4
5
6
7
8
0
20
40
60
80
100
120
140
160
180
200
dIF/dt(A/µs)
IF=IF(av)
Tj=125°C
VFp(V)
Fig. 9: Transient peak forward voltage versus
dIF/dt (90% confidence).
0
100
200
300
400
500
600
700
800
0
20
40
60
80
100
120
140
160
180
200
dIF/dt(A/µs)
VR=400V
Tj=125°C
IF=IF(av)
IF=0.5 x IF(av)
IF=2 x IF(av)
Qrr(nC)
Fig. 6: Reverse recovery charges versus dIF/dt
(90% confidence).
0
50
100
150
200
250
300
0
20
40
60
80
100
120
140
160
180
200
dIF/dt(A/µs)
IF=IF(av)
VFR=1.1 x VF max.
Tj=125°C
tfr(ns)
Fig. 10:
Forward recovery time versus dIF/dt
(90% confidence).
1
10
100
1000
1
10
100
1000
VR(V)
F=1MHz
Vosc=30mV
Tj=25°C
C(pF)
Fig. 11:
Junction capacitance versus reverse
voltage applied (typical values).



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com