Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3851 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # 3851
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3851 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button 3851 Datasheet HTML 17Page - Renesas Technology Corp 3851 Datasheet HTML 18Page - Renesas Technology Corp 3851 Datasheet HTML 19Page - Renesas Technology Corp 3851 Datasheet HTML 20Page - Renesas Technology Corp 3851 Datasheet HTML 21Page - Renesas Technology Corp 3851 Datasheet HTML 22Page - Renesas Technology Corp 3851 Datasheet HTML 23Page - Renesas Technology Corp 3851 Datasheet HTML 24Page - Renesas Technology Corp 3851 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 55 page
background image
20
3851 Group
(Built-in 16 KB ROM)
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
Function
In conformity with Philips I2C-BUS
standard:
10-bit addressing format
7-bit addressing format
High-speed clock mode
Standard clock mode
In conformity with Philips I2C-BUS
standard:
Master transmission
Master reception
Slave transmission
Slave reception
16.1 kHz to 400 kHz (at
φ= 4 MHz)
Table 4 Multi-master I2C-BUS interface functions
Item
Format
Communication mode
System clock
φ = f(XIN)/2 (high-speed mode)
φ = f(XIN)/8 (middle-speed mode)
MULTI-MASTER I2C-BUS INTERFACE
The multi-master I2C-BUS interface is a serial communications cir-
cuit, conforming to the Philips I2C-BUS data transfer format. This
interface, offering both arbitration lost detection and a synchro-
nous functions, is useful for the multi-master serial
communications.
Figure 19 shows a block diagram of the multi-master I2C-BUS in-
terface and Table 4 lists the multi-master I2C-BUS interface
functions.
This multi-master I2C-BUS interface consists of the I2C address
register, the I2C data shift register, the I2C clock control register,
the I2C control register, the I2C status register, the I2C start/stop
condition control register and other control circuits.
When using the multi-master I2C-BUS interface, set 1 MHz or
more to
φ.
Note: Mitsubishi Electric Corporation assumes no responsibility for in-
fringement of any third-party’s rights or originating in the use of the
connection control function between the I2C-BUS interface and the
ports SCL1, SCL2, SDA1 and SDA2 with the bit 6 of I2C control regis-
ter (002E16).
Fig. 19 Block diagram of multi-master I2C-BUS interface
✽ : Purchase of MITSUBISHI ELECTRIC CORPORATIONS I2C components conveys a license under the Philips I2C Patent Rights to use these components
an I2C system, provided that the system conforms to the I2C Standard Specification as defined by Philips.
SCL clock frequency
I2C address register
b7
b0
SAD6 SAD5 SAD4 SAD3 SAD2 SAD1 SAD0
RWB
Noise
elimination
circuit
Address comparator
b7
I2C data shift register
b0
Data
control
circuit
System clock (
φ)
Interrupt
generating
circuit
Interrupt request signal
(IICIRQ)
b7
MST TRX BB PIN
AL AAS AD0 LRB
b0
S1
b7b0
TISS
10BIT
SAD
ALS
BC2BC1BC0
S1D
Bit counter
BB
circuit
Clock
control
circuit
Noise
elimination
circuit
b7b0
ACK
ACK
BIT
FAST
MODE
CCR4CCR3 CCR2 CCR1CCR0
Internal data bus
Clock division
S0
S2
S0D
AL
circuit
ES0
SIS
I2C start/stop condition
control register
SIP SSC4 SSC3 SSC2 SSC1SSC0
I2C clock control register
I2C status register
S2D
CLK
STP
I2C clock control register
S1D I C control register
2
Serial data
(SDA)
Serial
clock
(SCL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com