Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3851 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # 3851
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3851 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button 3851 Datasheet HTML 25Page - Renesas Technology Corp 3851 Datasheet HTML 26Page - Renesas Technology Corp 3851 Datasheet HTML 27Page - Renesas Technology Corp 3851 Datasheet HTML 28Page - Renesas Technology Corp 3851 Datasheet HTML 29Page - Renesas Technology Corp 3851 Datasheet HTML 30Page - Renesas Technology Corp 3851 Datasheet HTML 31Page - Renesas Technology Corp 3851 Datasheet HTML 32Page - Renesas Technology Corp 3851 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 55 page
background image
28
3851 Group
(Built-in 16 KB ROM)
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
START/STOP
condition
control register
Oscillation
frequency
f(XIN) (MHz)
Fig. 31 Address data communication format
Fig. 30 Structure of I2C START/STOP condition control register
Note: Do not set an odd number to the START/STOP condition set bit (SSC4 to SSC0).
Table 9 Recommended set value to START/STOP condition set bits (SSC4–SSC0) for each oscillation frequency
Main clock
divide ratio
System
clock
φ
(MHz)
SCL release time
(
µs)
Setup time
(
µs)
Hold time
(
µs)
8
8
4
2
2
8
2
2
XXX11010
XXX11000
XXX00100
XXX01100
XXX01010
XXX00100
3.375
µs (13.5 cycles)
3.125
µs (12.5 cycles)
2.5
µs (2.5 cycles)
3.25
µs (6.5 cycles)
2.75
µs (5.5 cycles)
2.5
µs (2.5 cycles)
6.75
µs (27 cycles)
6.25
µs (25 cycles)
5.0
µs (5 cycles)
6.5
µs (13 cycles)
5.5
µs (11 cycles)
5.0
µs (5 cycles)
3.375
µs (13.5 cycles)
3.125
µs (12.5 cycles)
2.5
µs (2.5 cycles)
3.25
µs (6.5 cycles)
2.75
µs (5.5 cycles)
2.5
µs (2.5 cycles)
4
1
2
1
b7
b0
I2C START/STOP condition
control register
START/STOP condition set bit
SCL/SDA interrupt pin polarity
selection bit
0 : Falling edge active
1 : Rising edge active
SCL/SDA interrupt pin selection bit
0 : SDA valid
1 : SCL valid
Reserved
Do not write “1” to this bit.
SIS SIP SSC4 SSC3 SSC2 SSC1 SSC0
(S2D : address 003016)
S
Slave addressR/W
A
Data
A/A
P
A
Data
7 bits
“0”
1 to 8 bits
1 to 8 bits
(1) A master-transmitter transnmits data to a slave-receiver
S
Slave addressR/W
A
Data
A
P
A
Data
7 bits
“1”
1 to 8 bits
1 to 8 bits
(2) A master-receiver receives data from a slave-transmitter
7 bits
“0”
8 bits
(3) A master-transmitter transmits data to a slave-receiver with a 10-bit address
1 to 8 bits
1 to 8 bits
S
R/W
A
Slave address
1st 7 bits
Slave address
2nd bytes
A
AData
Data
P
A/A
7 bits
“0”
8 bits
(4) A master-receiver receives data from a slave-transmitter with a 10-bit address
S : START condition
A : ACK bit
Sr : Restart condition
P : STOP condition
R/W : Read/Write bit
7 bits
“1”
1 to 8 bits
1 to 8 bits
S
R/W
A
Slave address
1st 7 bits
Slave address
2nd bytes
A
Sr
Slave address
1st 7 bits
R/W
A
Data
Data
P
A
: Master to slave
: Slave to master
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com