Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4250 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # 4250
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4250 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button 4250 Datasheet HTML 25Page - Renesas Technology Corp 4250 Datasheet HTML 26Page - Renesas Technology Corp 4250 Datasheet HTML 27Page - Renesas Technology Corp 4250 Datasheet HTML 28Page - Renesas Technology Corp 4250 Datasheet HTML 29Page - Renesas Technology Corp 4250 Datasheet HTML 30Page - Renesas Technology Corp 4250 Datasheet HTML 31Page - Renesas Technology Corp 4250 Datasheet HTML 32Page - Renesas Technology Corp 4250 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 59 page
background image
28
MITSUBISHI MICROCOMPUTERS
4250 Group
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
: Microcomputer starts its operation after 3584 to 3585 machine cycles for the time
required to stabilize the f(XIN) oscillation.
Stabilizing time a
POF instruction
is executed
A
f(XIN) oscillation
Return input
B
(RAM back-up
mode)
f(XIN) stop
Reset
(Stabilizing time a )
(Stabilizing time a )
K03
K02
K01
K00
Instruction clock divided by 4
Instruction clock divided by 512
Rising waveform (“L”
→ “H”)
Falling waveform (“H”
→ “L”)
Key-on wakeup not used
Key-on wakeup used (“L” level recognized)
Key-on wakeup not used
Key-on wakeup used (“L” level recognized)
Prescaler dividing ratio selection bit
Interrupt valid waveform for INT pin/
key-on wakeup valid waveform selection
bit (Note 2)
Ports G1–G3 key-on wakeup control bit
Ports S0–S3 key-on wakeup control bit
Key-on wakeup control register K0
at reset : 00002
at RAM back-up : state retained
0
1
0
1
0
1
0
1
R/W
Notes 1: “R” represents read enabled, and “W” represents write enabled.
2: Set a value to the bit 2 of register K0, and execute the SNZ0 instruction to clear the EXF0 flag after executing at least one
instruction. According to the input state of G0/INT pin, the external interrupt request flag (EXF0) may be set when the
interrupt valid waveform is changed.
Table 14 Key-on wakeup control register
Fig. 24 State transition
S
R
Q
Power down flag P
POF instruction
Reset input
q Set source
POF instruction is executed
q Clear source
Reset input
Fig. 25 Set source and clear source of the P flag
Fig. 26 Start condition identified example using the SNZP
instruction
Software start
P = “1”
?
Yes
Warm start
Cold start
No
(5) Key-on wakeup control register K0
•
Key-on wakeup control register K0
The interrupt valid waveform for INT pin/key-on wakeup
valid waveform selection bit, the ports G1–G3 key-on
wakeup control bit and the ports S0–S3 key-on wakeup
control bit are assigned to the register K0. Set the contents
of this register through register A with the TK0A instruction.
The TAK0 instruction can be used to transfer the contents
of register K0 to register A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com