Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4280 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # 4280
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for INFRARED REMOTE CONTROL TRANSMITTERS
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4280 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button 4280 Datasheet HTML 35Page - Renesas Technology Corp 4280 Datasheet HTML 36Page - Renesas Technology Corp 4280 Datasheet HTML 37Page - Renesas Technology Corp 4280 Datasheet HTML 38Page - Renesas Technology Corp 4280 Datasheet HTML 39Page - Renesas Technology Corp 4280 Datasheet HTML 40Page - Renesas Technology Corp 4280 Datasheet HTML 41Page - Renesas Technology Corp 4280 Datasheet HTML 42Page - Renesas Technology Corp 4280 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
43
MITSUBISHI MICROCOMPUTERS
4280 Group
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for INFRARED REMOTE CONTROL TRANSMITTERS
PROGRAM ALGORITHM FLOW CHART
START
VDD = 4V,VPP = 12.5V
ADRS = first location
X=0
WRITE PROGRAM
DATA
X = X + 1
PROGRAM ONE PULSE
OF 0.2ms
X = 25?
VERIFY
BYTE?
YES
NO
FAIL
PASS
LAST
ADRS?
NO
YES
READ COMMAND
DEVICE
PASSED
VERIFY
BYTE?
PASS
FAIL
DEVICE
FAILED
INC ADRS
3516
DIN
WRITE PROGRAM-VERIFY
COMMAND
VERIFY
ALL BYTE?
FAIL
PASS
1516
PROGRAM PULSE OF
0.2Xms DURATION
WRITE PROGRAM
COMMAND
2516
WRITE PROGRAM
DATA
DIN
VDD = 4V,VPP = 4V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com