Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5218 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 2SC5218
Description  Silicon NPN Epitaxial
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5218 Datasheet(HTML) 5 Page - Renesas Technology Corp

  2SC5218 Datasheet HTML 1Page - Renesas Technology Corp 2SC5218 Datasheet HTML 2Page - Renesas Technology Corp 2SC5218 Datasheet HTML 3Page - Renesas Technology Corp 2SC5218 Datasheet HTML 4Page - Renesas Technology Corp 2SC5218 Datasheet HTML 5Page - Renesas Technology Corp 2SC5218 Datasheet HTML 6Page - Renesas Technology Corp 2SC5218 Datasheet HTML 7Page - Renesas Technology Corp 2SC5218 Datasheet HTML 8Page - Renesas Technology Corp 2SC5218 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
2SC5218
3
150
100
50
Ambient Temperature Ta (
°C)
0
150
100
50
Maximum Collector Dissipation Curve
200
160
120
80
40
Collector Current I
(mA)
C
0
DC Current Transfer Ratio vs.
Collector Current
0.1
V
= 5 V
Pulse Test
CE
110
100
10
8
6
4
2
1
Collector Current I
(mA)
C
0
Gain Bandwidth Product vs.
Collector Current
25
10
20
50
100
V
= 5V
CE
Collector to Base Voltage V
(V)
CB
Collector Output Capacitance vs.
Collector to Base Voltage
0.5
1
2
5
10
20
50
2.0
1.2
1.6
0.4
0.8
0
I
= 0
f = 1 MHz
E



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com