Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5218 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # 2SC5218
Description  Silicon NPN Epitaxial
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5218 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button 2SC5218 Datasheet HTML 2Page - Renesas Technology Corp 2SC5218 Datasheet HTML 3Page - Renesas Technology Corp 2SC5218 Datasheet HTML 4Page - Renesas Technology Corp 2SC5218 Datasheet HTML 5Page - Renesas Technology Corp 2SC5218 Datasheet HTML 6Page - Renesas Technology Corp 2SC5218 Datasheet HTML 7Page - Renesas Technology Corp 2SC5218 Datasheet HTML 8Page - Renesas Technology Corp 2SC5218 Datasheet HTML 9Page - Renesas Technology Corp 2SC5218 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
2SC5218
6
S Parameter (V
CE = 5 V, IC = 5 mA, ZO = 50 Ω)
Freq.
S11
S21
S12
S22
(MHz)
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
100
0.817
–34.7
14.1
156
0.034
72.3
0.916
–19.8
200
0.701
–64.5
11.6
136
0.058
59.8
0.761
–34.8
300
0.602
–88.3
9.32
122
0.073
52.9
0.620
–43.9
400
0.536
–106
7.61
112
0.083
49.8
0.520
–49.3
500
0.495
–120
6.40
105
0.091
48.9
0.447
–52.5
600
0.468
–132
5.50
99.5
0.097
49.3
0.396
–54.5
700
0.447
–141
4.80
94.9
0.104
50.0
0.357
–55.7
800
0.434
–150
4.27
90.9
0.110
50.9
0.327
–56.5
900
0.423
–157
3.83
87.2
0.117
52.1
0.305
–57.5
1000
0.428
–164
3.50
83.9
0.124
53.3
0.287
–58.4
S Parameter (V
CE = 5 V, IC = 20 mA, ZO = 50 Ω)
Freq.
S11
S21
S12
S22
(MHz)
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
100
0.529
–70.4
29.9
136
0.025
64.9
0.716
–39.8
200
0.427
–111
19.0
115
0.038
60.3
0.462
–56.6
300
0.386
–134
13.4
104
0.048
61.8
0.330
–63.2
400
0.370
–150
10.2
98.0
0.058
64.3
0.260
–66.2
500
0.366
–159
8.28
93.7
0.069
66.6
0.214
–67.8
600
0.367
–167
6.96
89.7
0.080
67.8
0.184
–68.8
700
0.364
–174
6.01
87.0
0.091
68.7
0.162
–69.1
800
0.360
–179
5.28
84.2
0.102
69.5
0.146
–69.7
900
0.362
176
4.71
81.7
0.115
69.4
0.133
–70.4
1000
0.364
171
4.27
79.3
0.126
69.6
0.123
–71.5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com