Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5273 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SC5273
Description  Silicon NPN Triple Diffused
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5273 Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SC5273 Datasheet HTML 1Page - Renesas Technology Corp 2SC5273 Datasheet HTML 2Page - Renesas Technology Corp 2SC5273 Datasheet HTML 3Page - Renesas Technology Corp 2SC5273 Datasheet HTML 4Page - Renesas Technology Corp 2SC5273 Datasheet HTML 5Page - Renesas Technology Corp 2SC5273 Datasheet HTML 6Page - Renesas Technology Corp 2SC5273 Datasheet HTML 7Page - Renesas Technology Corp 2SC5273 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2SC5273
2
Absolute Maximum Ratings (Ta = 25°C)
Item
Symbol
Ratings
Unit
Collector to base voltage
V
CBO
1300
V
Collector to emitter voltage
V
CEO
1300
V
Emitter to base voltage
V
EBO
6V
Collector current
I
C
30
mA
Collector peak current
I
C(peak)
60
mA
Collector power dissipation
P
C
1.8
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
–55 to +150
°C
Electrical Characteristics (Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Collector cutoff current
I
CES
—
—
10
µA
V
CE = 1300 V, RBE = 0
Collector cutoff current
I
CEO
—
—
100
µA
V
CE = 1300 V, RBE =
Emitter cutoff current
I
EBO
—
—
10
µA
V
EB = 6 V, IC = 0
DC current transfer ratio
h
FE
10
—
—
V
CE = 5 V, IC = 1 mA
Collector to emitter saturation
voltage
V
CE(sat)
—
—
5.0
V
I
C = 10 mA, IB = 2 mA
Gain bandwidth product
f
T
—
5.5
—
MHz
V
CE = 20 V, IC = 1 mA
Collector output capacitance
Cob
—
3.4
—
pF
V
CB = 100 V, IE = 0, f = 1 MHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com