Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5273 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 2SC5273
Description  Silicon NPN Triple Diffused
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5273 Datasheet(HTML) 6 Page - Renesas Technology Corp

  2SC5273 Datasheet HTML 1Page - Renesas Technology Corp 2SC5273 Datasheet HTML 2Page - Renesas Technology Corp 2SC5273 Datasheet HTML 3Page - Renesas Technology Corp 2SC5273 Datasheet HTML 4Page - Renesas Technology Corp 2SC5273 Datasheet HTML 5Page - Renesas Technology Corp 2SC5273 Datasheet HTML 6Page - Renesas Technology Corp 2SC5273 Datasheet HTML 7Page - Renesas Technology Corp 2SC5273 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2SC5273
4
1
0.5
0.2
0.1
Collector Current
I
(mA)
C
0.1
1
3
10
30
0.3
I
/ I
= 5
Pulse Test
C
B
75
°C
25
°C
Ta = –25
°C
Collector to Emitter Saturation Voltage
vs. Collector Current
1
0.5
0.2
0.1
Collector Current
I
(mA)
C
0.1
1
3
10
30
0.3
I
/ I
= 5
Pulse Test
C
B
75
°C
25
°C
Ta = –25
°C
Base to Emitter Saturation Voltage
vs. Collector Current
0.1
1
0.5
0
Base to Emitter Voltage V
(V)
BE
30
10
3
1
0.3
Ta = –25
°C
75
°C
25
°C
V
= 5 V
Pulse Test
CE
Collector Current vs.
Base to Emitter Voltage
10
5
2
1
0.1
0.2
0.5
1
25
10
Collector Current
I
(mA)
C
V
= 20 V
Pulse Test
CE
Gain Bandwidth Product vs.
Collector Current



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com