Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5593 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 2SC5593
Description  Silicon NPN Epitaxial High Frequency Low Noise Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5593 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button 2SC5593 Datasheet HTML 2Page - Renesas Technology Corp 2SC5593 Datasheet HTML 3Page - Renesas Technology Corp 2SC5593 Datasheet HTML 4Page - Renesas Technology Corp 2SC5593 Datasheet HTML 5Page - Renesas Technology Corp 2SC5593 Datasheet HTML 6Page - Renesas Technology Corp 2SC5593 Datasheet HTML 7Page - Renesas Technology Corp 2SC5593 Datasheet HTML 8Page - Renesas Technology Corp 2SC5593 Datasheet HTML 9Page - Renesas Technology Corp 2SC5593 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
2SC5593
4
1
5
10
50
100
10
1
10
100
3
5
0
1
20
100
Power Gain vs. Collector Current
Collector Current
I
(mA)
C
Noise Figure vs. Collector Current
25
50
4
8
12
16
20
0
25
20
50
0
4
8
12
16
20
Collector Current
I
(mA)
C
2
20
4
2
1
S Parameter vs. Collector Current
21
Collector Current
I
(mA)
C
2 V
1 V
f = 1.8GHz
V
= 3 V
CE
V
= 1 to 3 V
CE
f = 1.8GHz
V
= 3 V
CE
2 V
1 V
f = 2GHz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com