Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5593 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # 2SC5593
Description  Silicon NPN Epitaxial High Frequency Low Noise Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5593 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button 2SC5593 Datasheet HTML 2Page - Renesas Technology Corp 2SC5593 Datasheet HTML 3Page - Renesas Technology Corp 2SC5593 Datasheet HTML 4Page - Renesas Technology Corp 2SC5593 Datasheet HTML 5Page - Renesas Technology Corp 2SC5593 Datasheet HTML 6Page - Renesas Technology Corp 2SC5593 Datasheet HTML 7Page - Renesas Technology Corp 2SC5593 Datasheet HTML 8Page - Renesas Technology Corp 2SC5593 Datasheet HTML 9Page - Renesas Technology Corp 2SC5593 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
2SC5593
6
S-parameter ( V
CE = 2 V, IC = 10 mA, Zo = 50 Ω)
S11
S21
S12
S22
f (MHz) MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.804
–8.2
22.02
172.5
0.00305
94.6
0.993
–3.4
200
0.795
–17.8
21.55
165.0
0.0067
86.8
0.986
–8.1
300
0.776
–27.4
20.88
157.5
0.0107
85.4
0.972
–12.7
400
0.746
–35.8
20.05
150.2
0.0146
82.5
0.947
–17.2
500
0.714
–44.5
18.93
143.7
0.0182
78.4
0.917
–21.2
600
0.673
–53.2
17.84
137.9
0.0215
74.8
0.881
–25.1
700
0.632
–59.9
16.60
132.5
0.0249
71.8
0.842
–28.3
800
0.595
–67.1
15.69
127.9
0.0274
67.9
0.808
–31.2
900
0.557
–74.6
14.64
123.5
0.0296
65.1
0.763
–33.7
1000
0.519
–79.1
13.68
119.5
0.0319
63.6
0.729
–35.6
1100
0.488
–86.0
12.88
116.0
0.0337
61.6
0.696
–37.2
1200
0.454
–91.1
12.03
112.8
0.0350
60.4
0.666
–38.6
1300
0.430
–95.9
11.26
110.6
0.0366
58.8
0.644
–39.5
1400
0.403
–101.8
10.69
107.8
0.0382
57.4
0.619
–40.6
1500
0.377
–106.3
10.16
105.4
0.0401
56.6
0.598
–41.2
1600
0.364
–111.0
9.66
103.6
0.0410
56.3
0.581
–42.0
1700
0.346
–116.6
9.19
101.4
0.0422
55.6
0.564
–42.6
1800
0.327
–120.0
8.79
99.3
0.0435
55.2
0.550
–43.2
1900
0.313
–124.9
8.40
97.5
0.0447
55.2
0.537
–43.9
2000
0.296
–130.8
7.99
95.5
0.0457
54.8
0.525
–44.0



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com