Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SH28 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SH28
Description  Silicon N Channel IGBT High Speed Power Switching
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SH28 Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SH28 Datasheet HTML 1Page - Renesas Technology Corp 2SH28 Datasheet HTML 2Page - Renesas Technology Corp 2SH28 Datasheet HTML 3Page - Renesas Technology Corp 2SH28 Datasheet HTML 4Page - Renesas Technology Corp 2SH28 Datasheet HTML 5Page - Renesas Technology Corp 2SH28 Datasheet HTML 6Page - Renesas Technology Corp 2SH28 Datasheet HTML 7Page - Renesas Technology Corp 2SH28 Datasheet HTML 8Page - Renesas Technology Corp 2SH28 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
2SH28
2
Absolute Maximum Ratings (Ta = 25
°C)
Item
Symbol
Ratings
Unit
Collector to Emitter voltage
V
CES
600
V
Gate to Emitter voltage
V
GES
±20
V
Collector current
I
C
20
A
Collector peak current
ic(peak)
40
A
Collector dissipation
P
C
Note1
60
W
Channel temperature
Tj
150
°C
Storage temperature
Tstg
–55 to +150
°C
Note:
1. Value at Tc = 25
°C
Electrical Characteristics (Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Zero gate voltage collector
current
I
CES
—
—
100
µAV
CE = 600V, VGE = 0
Gate to emitter leak current
I
GES
——
±1
µAV
GE = ± 20 V, VCE = 0
Gate to emitter cutoff voltage
V
GE(off)
6.0
—
8.0
V
I
C = 20 mA, VCE = 10V
Collector to emitter saturation
voltage
V
CE(sat)
—
2.1
2.6
V
I
C = 20 A, VGE = 15V
Input capacitance
Cies
—
1200
—
pF
V
CE = 10V,
V
GE = 0
f = 1MHz
Switching time
t
r
—
150
—
ns
I
C = 20 A
t
on
—
230
—
ns
R
L = 15 Ω
t
f
—
300
600
ns
V
GS = ±15V
t
off
—
450
900
ns
Rg = 50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com