Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SH28 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # 2SH28
Description  Silicon N Channel IGBT High Speed Power Switching
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SH28 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button 2SH28 Datasheet HTML 2Page - Renesas Technology Corp 2SH28 Datasheet HTML 3Page - Renesas Technology Corp 2SH28 Datasheet HTML 4Page - Renesas Technology Corp 2SH28 Datasheet HTML 5Page - Renesas Technology Corp 2SH28 Datasheet HTML 6Page - Renesas Technology Corp 2SH28 Datasheet HTML 7Page - Renesas Technology Corp 2SH28 Datasheet HTML 8Page - Renesas Technology Corp 2SH28 Datasheet HTML 9Page - Renesas Technology Corp 2SH28 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
2SH28
6
Pulse Width
PW (S)
Normalized Transient Thermal Impedance vs. Pulse Width
Switching Time Test Circuit
Waveform
Ic Monitor
Vin Monitor
D.U.T.
Rg
Vin ± 15 V
R L
VCC
10%
tf
tr
td(off)
td(on)
Ic
Vin
0
90%
90%
90%
10%
10%
VCE
ton
toff
V
Monitor
CE
3
1
0.3
0.1
0.03
0.01
10 µ
100 µ
1 m
10 m
100 m
1
10
DM
P
PW
T
D =
PW
T
ch – c(t) = s (t) •
ch – c
ch – c = 2.08 °C/W, Tc = 25 °C
θ
γ
θ
θ
Tc = 25°C
D = 1
0.5
0.2
0.1
0.05
0.02
0.01
1shot
pulse



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com