Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVL144AM Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HVL144AM
Description  Silicon Epitaxial Trench Pin Diode for Antenna Switching
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HVL144AM Datasheet(HTML) 2 Page - Renesas Technology Corp

  HVL144AM Datasheet HTML 1Page - Renesas Technology Corp HVL144AM Datasheet HTML 2Page - Renesas Technology Corp HVL144AM Datasheet HTML 3Page - Renesas Technology Corp HVL144AM Datasheet HTML 4Page - Renesas Technology Corp HVL144AM Datasheet HTML 5Page - Renesas Technology Corp HVL144AM Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
HVL144AM
Rev.2.00 Jan 20, 2006 page 2 of 5
Absolute Maximum Ratings
(Ta = 25
°C)
Item
Symbol
Value
Unit
Reverse voltage
VR
30
V
Forward current
IF
100
mA
Power dissipation
Pd
100
mW
Junction temperature
Tj
125
°C
Storage temperature
Tstg
−55 to +125
°C
Electrical Characteristics
(Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse current
IR
—
—
100
nA
VR = 30 V
Forward voltage
VF
—
—
0.90
V
IF = 2 mA
Capacitance
C
—
—
0.43
pF
VR = 1 V, f = 1 MHz
Forward resistance
rf
—
—
1.80
Ω
IF = 2 mA, f = 100 MHz
ESD-Capability *
1
—
100
—
—
V
C = 200 pF, R = 0
Ω, Both forward
and reverse direction 1 pulse.
Notes
: 1. Failure criterion ; IR > 100 nA at VR = 30 V
2. For TEFP package, the material of lead is exposed for cutting plane. There for, soldering nature of lead tip
part is considered as unquestioned. Please kindly consider soldering nature.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com