Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVL144AM Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HVL144AM
Description  Silicon Epitaxial Trench Pin Diode for Antenna Switching
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HVL144AM Datasheet(HTML) 3 Page - Renesas Technology Corp

  HVL144AM Datasheet HTML 1Page - Renesas Technology Corp HVL144AM Datasheet HTML 2Page - Renesas Technology Corp HVL144AM Datasheet HTML 3Page - Renesas Technology Corp HVL144AM Datasheet HTML 4Page - Renesas Technology Corp HVL144AM Datasheet HTML 5Page - Renesas Technology Corp HVL144AM Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
HVL144AM
Rev.2.00 Jan 20, 2006 page 3 of 5
Main Characteristic
10
-4
10
-3
10
-2
10
-1
1.0
10
0.1
10
1.0
0.1
f = 100MHz
f = 1MHz
0
0.2
0.4
0.6
0.8
1.0
10
-2
10
-4
10
-6
10
-8
10
-10
10
-12
040
10
30
20
50
10
-10
10
-8
10
-9
10
-11
10
-12
10
-13
10
-14
0.1
10
1.0
Forward voltage VF (V)
Fig.1 Forward current vs. Forward voltage
Fig.3 Capacitance vs. Reverse voltage
Reverse voltage VR (V)
Fig.2 Reverse current vs. Reverse voltage
Reverse voltage VR (V)
Fig.4 Forward resistance vs. Forward current
Forward current IF (A)
Ta = 25
°C
Ta = 75
°C
Ta = 25
°C
Ta = 75
°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com