Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0676 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STV0676
Description  CMOS Digital Camera Co-processor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0676 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STV0676 Datasheet HTML 13Page - STMicroelectronics STV0676 Datasheet HTML 14Page - STMicroelectronics STV0676 Datasheet HTML 15Page - STMicroelectronics STV0676 Datasheet HTML 16Page - STMicroelectronics STV0676 Datasheet HTML 17Page - STMicroelectronics STV0676 Datasheet HTML 18Page - STMicroelectronics STV0676 Datasheet HTML 19Page - STMicroelectronics STV0676 Datasheet HTML 20Page - STMicroelectronics STV0676 Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
Pinout and pin descriptions
STV0676
18/21
USB INTERFACE
61
USB_DN
BIDIR
USB data line
62
USB_DP
BIDIR
USB data line
TEST MODE SELECTION
1
TEST_CONF[0]
INPUT
Test configuration bit - connect to VDD for normal operation
2
TEST_CONF[1]
INPUT
Test configuration bit - connect to VDD for normal operation
3
TEST_CONF[2]
INPUT
Test configuration bit - connect to VDD for normal operation
EEPROM INTERFACEa
63
EEPROM_SDA
BIDIR
Serial data to/from the EEPROM or slave I2C clock
64
EEPROM_SCL
BIDIR
Serial clock to the EEPROM or slave I2C clock
a. The I2C pins EEPROM_SCL and EEPROM_SDA can be reconfigured to act as a low speed I2C
slave device that allows the user to directly control the internal register space of the VP and VC
modules.
Table 10: STV0676 pin description
Pin
Signal
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com