Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0676 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STV0676
Description  CMOS Digital Camera Co-processor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0676 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STV0676 Datasheet HTML 2Page - STMicroelectronics STV0676 Datasheet HTML 3Page - STMicroelectronics STV0676 Datasheet HTML 4Page - STMicroelectronics STV0676 Datasheet HTML 5Page - STMicroelectronics STV0676 Datasheet HTML 6Page - STMicroelectronics STV0676 Datasheet HTML 7Page - STMicroelectronics STV0676 Datasheet HTML 8Page - STMicroelectronics STV0676 Datasheet HTML 9Page - STMicroelectronics STV0676 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Overview
STV0676
6/21
Revision C
1.2.2
Video processor functions
STV0676 provides a master clock SCLK to the camera module. Each 10-bit pixel value generated
by the sensor is transmitted across the 5 wire databus SDATA[4:0] as a pair of sequential 5-bit
nibbles, most significant nibble first. Codes representing the start and end frames and the start and
end of lines are embedded within the video data stream to allow the video processor to synchronise
with the video data stream.
The video processing engine performs the following functions on incoming data:
q
full colour restoration at each pixel site from Bayer-patterned input data,
q
matrixing/gain on each colour channel for colour purity,
q
peaking for image clarity,
q
gamma correction,
q
colour space conversion from raw RGB to YCbCr[4:2:2].
The 2-wire sensor serial interface (SSDA and SSCL) provides control of sensor configuration.
Note:
the MSBit SDATA5 of the databus is unused in the current application but it will support future
sensors where a 12bit ADC architecture may be used.
Figure 1: Block diagram of STV0676 video processor module
Video Compression (VC) Engine
Video Processor
Stream
Digiport
D+
D-
Clocks
+ PLL
12MHz
XTAL
8052 Core
ROM
GPIO/mode
10
STV0676
RAM
Compressed Data
Control +
FIFOs
Ext.
Interrupts
CIF/VGA
Sensor
10
I2C Interface
USB core /glue
logic and
command FIFO’s
General purpose
housekeeper functions
including AEC, AGC and
AWB
SDA
SCL
RESET
SDATA[4:0]
SSCL
SSDA
RESET_N
SCLK
SUSPEND
select
USB port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com