Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74HC78 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HD74HC78
Description  Dual J-K Flip-Flops (with Preset, Common Clear and Common Clock)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC78 Datasheet(HTML) 2 Page - Renesas Technology Corp

  HD74HC78 Datasheet HTML 1Page - Renesas Technology Corp HD74HC78 Datasheet HTML 2Page - Renesas Technology Corp HD74HC78 Datasheet HTML 3Page - Renesas Technology Corp HD74HC78 Datasheet HTML 4Page - Renesas Technology Corp HD74HC78 Datasheet HTML 5Page - Renesas Technology Corp HD74HC78 Datasheet HTML 6Page - Renesas Technology Corp HD74HC78 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
HD74HC78
Rev.2.00, Oct 06, 2005 page 2 of 6
Pin Arrangement
1
2
3
4
5
6
7
CK
1PR
1J
VCC
CLR
2PR
2K
1K
1Q
1
Q
GND
2J
2
Q
2Q
14
13
12
11
10
9
8
(Top view)
CK
K
Q
Q
J
CLR
PR
CK
K
Q
Q
J
CLR
PR
Logic Diagram (1/2)
CLR
PR
CK
CK
CK
To Other FF
To Other FF
CK
Q
Q
CK
#
#
#
#
CK
CK
CK
CK
CK
CK
CK
CK
J
K
#



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com