Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74HC78 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74HC78
Description  Dual J-K Flip-Flops (with Preset, Common Clear and Common Clock)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC78 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74HC78 Datasheet HTML 1Page - Renesas Technology Corp HD74HC78 Datasheet HTML 2Page - Renesas Technology Corp HD74HC78 Datasheet HTML 3Page - Renesas Technology Corp HD74HC78 Datasheet HTML 4Page - Renesas Technology Corp HD74HC78 Datasheet HTML 5Page - Renesas Technology Corp HD74HC78 Datasheet HTML 6Page - Renesas Technology Corp HD74HC78 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev.2.00, Oct 06, 2005 page 1 of 6
HD74HC78
Dual J-K Flip-Flops
(with Preset, Common Clear and Common Clock)
REJ03D0553-0200
(Previous ADE-205-425)
Rev.2.00
Oct 06, 2005
Description
This flip-flop is edge sensitive to the clock input and change state on the negative transition of the clock pulse. Each
flip-flop has independent J, K, and preset inputs and Q and Q outputs. Two flip-flops are controlled by a common clear
and a common clock. Preset and clear are independent of the clock and accomplished by a low logic level on the
corresponding input.
Features
• High Speed Operation: t
pd (Clock to Q) = 20 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: V
CC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: I
CC (static) = 2
µA max (Ta = 25°C)
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74HC78FPEL
SOP-14 pin (JEITA)
PRSP0014DF-B
(FP-14DAV)
FP
EL (2,000 pcs/reel)
HD74HC78RPEL
SOP-14 pin (JEDEC)
PRSP0014DE-A
(FP-14DNV)
RP
EL (2,500 pcs/reel)
Note:
Please consult the sales office for the above package availability.
Function Table
Inputs
Outputs
Preset
Clear
Clock
J
K
Q
Q
L
H
X
X
X
H
L
H
L
X
X
X
L
H
L
L
X
X
X
H
*1
H
*1
H
H
L
L
No change
H
H
L
H
L
H
H
H
H
L
H
L
H
H
H
H
Toggle
H
H
L
X
X
No change
H
H
H
X
X
No change
H
H
X
X
No change
H :
High level
L :
Low level
X :
Irrelevant
Note:
1. Q and
Q will remain High as long as Preset and Clear are Low, but Q and Q are unpredictable, if Preset and
Clear go High simultaneously.


Similar Part No. - HD74HC78

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC78 HITACHI-HD74HC78 Datasheet
59Kb / 10P
Dual J-K Flip-Flops (with Preset, Common Clear and Common Clock)
logo
Renesas Technology Corp
HD74HC78FPEL RENESAS-HD74HC78FPEL Datasheet
124Kb / 9P
Dual J-K Flip-Flops (with Preset, Common Clear and Common Clock)
HD74HC78RPEL RENESAS-HD74HC78RPEL Datasheet
124Kb / 9P
Dual J-K Flip-Flops (with Preset, Common Clear and Common Clock)
HD74HC78 RENESAS-HD74HC78_15 Datasheet
124Kb / 9P
Dual J-K Flip-Flops (with Preset, Common Clear and Common Clock)
More results

Similar Description - HD74HC78

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC108 HITACHI-HD74HC108 Datasheet
55Kb / 9P
Dual J-K Flip-Flops (with Preset, Common Clear and Common Clock)
HD74HC114 HITACHI-HD74HC114 Datasheet
49Kb / 8P
Dual J-K Flip-Flops (with Preset, Common Clear and Common Clock)
HD74HC78 HITACHI-HD74HC78 Datasheet
59Kb / 10P
Dual J-K Flip-Flops (with Preset, Common Clear and Common Clock)
HD74LS114 HITACHI-HD74LS114 Datasheet
77Kb / 7P
Dual J-K Negative-edge-triggered Flip-Flops(with Preset, Common Clear and Common Clock)
HD74LS78A HITACHI-HD74LS78A Datasheet
71Kb / 6P
Dual J-K Flip-Flops(with Preset, Common Clear, and Common Clock)
logo
Texas Instruments
SN54LS78A TI-SN54LS78A Datasheet
87Kb / 5P
DUAL J-K FLIP-FLOPS WITH PRESET, COMMON CLOCK, AND COMMON CLEAR
SN74H78 TI-SN74H78 Datasheet
353Kb / 8P
DUAL J-K FLIP-FLOPS WITH PRESET, COMMON CLOCK, AND COMMON CLEAR
logo
Renesas Technology Corp
HD74LS78A RENESAS-HD74LS78A Datasheet
182Kb / 7P
Dual J-K Flip-Flops (with Preset, Common Clear, and Common Clock)
HD74HC108 RENESAS-HD74HC108 Datasheet
87Kb / 7P
Dual J-K Flip-Flops (with Preset, Common Clear and Common Clock)
HD74HC78 RENESAS-HD74HC78_15 Datasheet
124Kb / 9P
Dual J-K Flip-Flops (with Preset, Common Clear and Common Clock)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com