Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2001 Datasheet(PDF) 45 Page - STMicroelectronics

Part # STV2001
Description  I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 120 MHz RGB PREAMPLIFIER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2001 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button STV2001 Datasheet HTML 38Page - STMicroelectronics STV2001 Datasheet HTML 39Page - STMicroelectronics STV2001 Datasheet HTML 40Page - STMicroelectronics STV2001 Datasheet HTML 41Page - STMicroelectronics STV2001 Datasheet HTML 42Page - STMicroelectronics STV2001 Datasheet HTML 43Page - STMicroelectronics STV2001 Datasheet HTML 44Page - STMicroelectronics STV2001 Datasheet HTML 45Page - STMicroelectronics STV2001 Datasheet HTML 46Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 45 / 46 page
background image
STV2001
45/46
16 - PACKAGE MECHANICAL DATA
TQFP 44 L SLUG DOWN BODY
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.420
1.540
0.056
0.061
A1
0.065
0.100
0.135
0.003
0.004
0.005
A2
1.360
1.400
1.440
0.054
0.055
0.057
B
0.325
0.350
0.375
0.013
0.014
0.015
c
0.165
0.006
D
11.900
12.000
12.100
0.469
0.472
0.476
D1
9.975
10.000
10.025
0.393
0.394
0.395
D3
7.950
8.000
8.050
0.313
0.315
0.317
e
0.750
0.800
0.850
0.030
0.031
0.033
E
11.900
12.000
12.100
0.469
0.472
0.476
E1
9.975
10.000
10.025
0.393
0.394
0.395
E3
7.950
8.000
8.050
0.313
0.315
0.317
H
5.840
5.890
5.940
0.230
0.232
0.234
L
0.450
0.018
L1
0.938
1.000
1.063
0.037
0.039
0.042
S
6.000
6.100
0.236
0.240
S1
6.000
6.100
0.236
0.240
K
1.5d
3.5d
5.5d
1.5d
3.5d
5.5d
Slug down
B
C
K
L
L1
D
D1
D3
11
e
S
1
44
34
33
23
22
12
Pin 1
Identification
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com