Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2001 Datasheet (PDF) - STMicroelectronics

STV2001 Datasheet PDF - STMicroelectronics
Part # STV2001
Download  STV2001 Download
File Size   528.63 Kbytes
Page   46 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 120 MHz RGB PREAMPLIFIER

STV2001 Datasheet (PDF)

Go To PDF Page Download Datasheet
STV2001 Datasheet PDF - STMicroelectronics

Part # STV2001
Download  STV2001 Click to download

File Size   528.63 Kbytes
Page   46 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 120 MHz RGB PREAMPLIFIER

STV2001 Datasheet (HTML) - STMicroelectronics


STV2001 Product details

DESCRIPTION
The STV2001 is an I2C-controlled monolithic integrated circuit assembled in a TQFP44 plastic package. It combines both a deflection block (horizontal and vertical, single frequency with very powerful geometry correction) and a 120MHz RGB pre-amplifier.

FEATURES
Horizontal deflection
■ Single Frequency, Self Adaptive Oscillator.
■ TTL compatible positive going sync.
■ Chip does not accept sync on RGB or any video signal.
■ I2C controlled: H-position, pin cushion, keystone, parallelogram, side pin balance.
■ I2C controlled EW corner : top and bottom corrections.
■ I2C controlled corner: top and bottom phase corrections.
■ EW output
■ I2C controlled H-amplitude
■ DC controlled H-width breathing compensation with I2C controlled gain (0.5x to 2x).
■ Xray shut-down on ABL, H output latch, reset by power OFF/ON.
■ Soft start on H-duty.

Vertical deflection
■ Vertical ramp generator.
■ Wide range AGC loop.
■ TTL compatible positive going sync, no extra pulses.
■ I2C controlled vertical position.
■ I2C controlled S linearity correction.
■ DC controlled height breathing compensation with I2C controlled gain (0.5X TO 2X).
■ Vertical dynamic focus output with fixed amplitude (1Vpp).

Video preamplifier
■ 3-Channel 120MHz bandwidth video amplifier.
■ 3.5ns typical rise and fall time at 2.5VPP.
■ I2C controlled individual RGB contrast (8bit)>8db
■ I2C controlled overall brightness.
■ Activation of ABL results in contrast gain decrease.
■ Gain window (1.5X) controlled by input pulse and I2C. Pulse height controls the gain variation from 1x to 1.5x.
■ 0.514V typical video input signal for normal display.
■ I2C controlled contrast (7bits) update during vertical retrace time.

I2C main features
■ I2C interface (slave) 100kHz max.
■ All I2C controlled DAC are 7 bits, except RGB gain.
■ Power on reset on 5 V (VDD).

Supply voltage & power
■ 5 V/10.5 V dual supply.
■ Max power consumption: 1.2W




Similar Part No. - STV2001

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV2000 STMICROELECTRONICS-STV2000 Datasheet
265Kb / 38P
I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 70 MHz RGB PREAMPLIFIER
Apr-2000
STV200N55F3 STMICROELECTRONICS-STV200N55F3 Datasheet
491Kb / 12P
N-channel 55 V, 1.8 mΩ, 200 A, PowerSO-10 STripFET™ Power MOSFET
02-Mar-2009
More results


Similar Description - STV2001

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1237 NSC-LM1237 Datasheet
1Mb / 42P
150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD and 4 DACs
LM1238 NSC-LM1238 Datasheet
1Mb / 24P
110 MHz I2C Compatible RGB Preamplifier with Internal Simple OSD Generator and 4 DACs
logo
STMicroelectronics
STV2000 STMICROELECTRONICS-STV2000 Datasheet
265Kb / 38P
I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 70 MHz RGB PREAMPLIFIER
Apr-2000
STV2102 STMICROELECTRONICS-STV2102 Datasheet
370Kb / 12P
I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 120 MHz RGB PREAMPLIFIER
May-1992
TDA9203A STMICROELECTRONICS-TDA9203A Datasheet
119Kb / 13P
I2C BUS CONTROLLED 70MHz RGB PREAMPLIFIER
08-May-2013
TDA9206 STMICROELECTRONICS-TDA9206 Datasheet
127Kb / 12P
I2C BUS CONTROLLED 130MHz RGB PREAMPLIFIER
08-May-2013
logo
National Semiconductor ...
LM1229 NSC-LM1229 Datasheet
973Kb / 27P
I2C Compatible CMOS TV RGB and Deflection Processor
logo
Micronas
SDA9380-B21 MICRONAS-SDA9380-B21 Datasheet
403Kb / 72P
EDDC Enhanced Deflection Controller and RGB Processor
logo
National Semiconductor ...
LM1237 NSC-LM1237_04 Datasheet
1Mb / 42P
150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD and 4 DACs
logo
Texas Instruments
LM1229 TI1-LM1229 Datasheet
2Mb / 28P
Compatible CMOS TV RGB and Deflection Processor
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com