Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2000 Datasheet (PDF) - STMicroelectronics

STV2000 Datasheet PDF - STMicroelectronics
Part # STV2000
Download  STV2000 Download
File Size   265.25 Kbytes
Page   38 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 70 MHz RGB PREAMPLIFIER

STV2000 Datasheet (PDF)

Go To PDF Page Download Datasheet
STV2000 Datasheet PDF - STMicroelectronics

Part # STV2000
Download  STV2000 Click to download

File Size   265.25 Kbytes
Page   38 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 70 MHz RGB PREAMPLIFIER

STV2000 Datasheet (HTML) - STMicroelectronics


STV2000 Product details

DESCRIPTION
The STV2000 is an I2C-controlled monolithic integrated circuit assembled in a TQFP44 plastic package. It combines both a deflection block (horizontal and vertical, single frequency with very powerful geometry correction) and a 70MHz RGB pre-amplifier

FEATURES
Horizontal deflection
■ Single frequency, self adaptive oscillator.
■ TTL compatible positive going sync.
■ I2C controlled: H-position, Pin Cushion, Keystone, Parallelogram, Side Pin Balance,Hamplitude.
■ DC East/West feedback.
■ DC controls: H-width breathing compensation.
■ X-Ray protection Vertical deflection
■ Vertical ramp generator.
■ Wide range AGC loop.
■ TTL compatible positive going sync, no extra pulses.
■ I2C controls: vertical position and S-correction.
■ DC controls: height breathing compensation.

Video preamplifier
■ 3-channel 70MHz bandwidth RGB preamplifier.
■ 5ns typical rise and fall time at 4VPP.
■ I2C controls: RGB contrast, cut-off, brightness, contrast up-date during vertical retrace time.
■ ABL will reduce gain (contrast).
■ 0.514V typical video input signal for normal display.

I2C Main features
■ I2C interface (slave) 100kHz max.
■ All I2C controlled DAC are 7bit, except for RGB gain and cut-off.
■ Power- on- reset at 5 V (VDD).
■ 0.5 to 4 V static DAC output.

Supply voltage & power
■ 5 V/10.5 V dual supply.
■ Max power consumption: 1.2W




Similar Part No. - STV2000

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV2001 STMICROELECTRONICS-STV2001 Datasheet
528Kb / 46P
I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 120 MHz RGB PREAMPLIFIER
May-2000
STV200N55F3 STMICROELECTRONICS-STV200N55F3 Datasheet
491Kb / 12P
N-channel 55 V, 1.8 mΩ, 200 A, PowerSO-10 STripFET™ Power MOSFET
02-Mar-2009
More results


Similar Description - STV2000

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1237 NSC-LM1237 Datasheet
1Mb / 42P
150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD and 4 DACs
LM1238 NSC-LM1238 Datasheet
1Mb / 24P
110 MHz I2C Compatible RGB Preamplifier with Internal Simple OSD Generator and 4 DACs
logo
STMicroelectronics
STV2001 STMICROELECTRONICS-STV2001 Datasheet
528Kb / 46P
I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 120 MHz RGB PREAMPLIFIER
May-2000
STV2102 STMICROELECTRONICS-STV2102 Datasheet
370Kb / 12P
I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 120 MHz RGB PREAMPLIFIER
May-1992
TDA9203A STMICROELECTRONICS-TDA9203A Datasheet
119Kb / 13P
I2C BUS CONTROLLED 70MHz RGB PREAMPLIFIER
08-May-2013
TDA9206 STMICROELECTRONICS-TDA9206 Datasheet
127Kb / 12P
I2C BUS CONTROLLED 130MHz RGB PREAMPLIFIER
08-May-2013
logo
National Semiconductor ...
LM1229 NSC-LM1229 Datasheet
973Kb / 27P
I2C Compatible CMOS TV RGB and Deflection Processor
logo
Micronas
SDA9380-B21 MICRONAS-SDA9380-B21 Datasheet
403Kb / 72P
EDDC Enhanced Deflection Controller and RGB Processor
logo
National Semiconductor ...
LM1237 NSC-LM1237_04 Datasheet
1Mb / 42P
150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD and 4 DACs
logo
Texas Instruments
LM1229 TI1-LM1229 Datasheet
2Mb / 28P
Compatible CMOS TV RGB and Deflection Processor
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com