Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2000 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STV2000
Description  I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 70 MHz RGB PREAMPLIFIER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2000 Datasheet(HTML) 3 Page - STMicroelectronics

  STV2000 Datasheet HTML 1Page - STMicroelectronics STV2000 Datasheet HTML 2Page - STMicroelectronics STV2000 Datasheet HTML 3Page - STMicroelectronics STV2000 Datasheet HTML 4Page - STMicroelectronics STV2000 Datasheet HTML 5Page - STMicroelectronics STV2000 Datasheet HTML 6Page - STMicroelectronics STV2000 Datasheet HTML 7Page - STMicroelectronics STV2000 Datasheet HTML 8Page - STMicroelectronics STV2000 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
STV2000
3/38
PIN DESCRIPTION
Pin
Name
Fun ction
1
Vin
Vertical Sync Input
2
Vref
Vertical Section Reference Voltage
3
VAGCCAP
Vertical AGC Loop Capacitor
4
VGND
Vertical Section Ground
5
VCAP
Vertical Sawtooth Generator Capacitor
6
Vout
Vertical Output
7
VBRTHin
Vertical Breathing DC Input
8
VRB
Vertical Ramp Filter
9
VAVcc
Video Section Analog Supply (10.5V typ)
10
OUT1
Video Output 1
11
Cut-off1
Cut-off1 DAC voltage output pin
12
AGND
Video Analog Ground
13
OUT2
Video Output 2
14
Cutoff2
Cut-off2 DAC voltage output pin
15
PGND
Video Section Power Ground
16
OUT3
Video Output 3
17
Cutoff3
Cut-off3 DAC voltage output pin
18
PVcc
Video Section Power Supply (10.5V typ)
19
IN1
Video Input 1
20
ABLin
Video Automatic Beam Current Compensation Input
21
IN2
Video Input 2
22
DAC
7bits DAC Voltage Output
23
IN3
Video Input 3
24
VBDC
Vertical Blanking Output with DC level adjusted by DAC
25
N.C.
Not to be connected
26
HBRTHin
Horizontal Breathing Compensation DC Input
27
EWFBin
EW Correction Feedback Input
28
EWout
EW Buffer Output
29
VDD
Bus, Scanning Logic and Video Logic Supply (5V typ)
30
SDA
I2C Data Input
31
SCL
I2C Clock Input
32
SAVcc
Scanning Section Analog Supply (10.5Vtyp)
33
LGND
Bus and Scanning Power Ground
34
Hout
Horizontal Driver Output, open collector
35
Href
Horizontal Section Reference Voltage
36
Hfly
Horizontal Flyback Input, Positive
37
HGND
Horizontal Section Ground
38
PLL2C
PLL2 Loop Filter
39
Filter
Horizontal Filter Capacitor (HPOS)
40
PLL1F
PLL1 Loop Filter
41
Co
Horizontal Oscillator Capacitor
42
Ro
Horizontal Oscillator Resistor
43
FC1
PLL1 filter capacitor
44
Hin
Horizontal Sync Input
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com