Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2000 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STV2000
Description  I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 70 MHz RGB PREAMPLIFIER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2000 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STV2000 Datasheet HTML 7Page - STMicroelectronics STV2000 Datasheet HTML 8Page - STMicroelectronics STV2000 Datasheet HTML 9Page - STMicroelectronics STV2000 Datasheet HTML 10Page - STMicroelectronics STV2000 Datasheet HTML 11Page - STMicroelectronics STV2000 Datasheet HTML 12Page - STMicroelectronics STV2000 Datasheet HTML 13Page - STMicroelectronics STV2000 Datasheet HTML 14Page - STMicroelectronics STV2000 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
STV2000
11/38
LOGIC SECTION
Thold
Sample time
1
µs
CT
Crosstalk Between Video Channels
VIN = 0.7Vpp,
VOUT = 2.5Vpp,
Contrast and
Drive=0.7Max
f=1MHz
44
dB
CUTOFF
VCUTOFF
CUTOFF DAC output voltage
00000000
10000000
11111111
0.5
2.5
4.5
V
V
V
ICUTOFF
Output sink current
Output source current
2
100
µA
mA
ABL COMPENSATION
RABL
ABL Input resistor
10
k
Ω
GABL
ABL minimum Attenuation
ABL maximum Attenuation
VABL=5.3V
VABL=2.8V
0
12
dB
dB
THABL
ABL latch function activation threshold
(High beam current detection)
01
V
DAC
VDAC
ILOAD=100uA
sub-add 12
00000000
01000000
01111111
0.5
2.25
4.0
V
V
V
IDAC
Source current
1.5
2
mA
DC Electrical Characteristics (VAVCC =PVCC = 10.5V, Tamb = 25
oC)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
V BLANKING OUTPUT SECTION
VBDC
Blanking output high voltage
7
V
Blanking output low voltage
I2C adjustable
sub-add10
1X000000
1X111111
1
4.5
V
V
IBLK
Output sink current
0.3
mA
TBLK
Vertical blanking time
(gated with Hflyback)
22
H cycle
SUPPLY VOLTAGE THRESHOLD
VTHPD1
Supply first threshold voltage
8.5
V
VTHPD2
Supply second threshold voltage
6.9
V
Symbol
Parameter
Test Conditi ons
Min
Typ
Max
Unit
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com