Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2000 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STV2000
Description  I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 70 MHz RGB PREAMPLIFIER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2000 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STV2000 Datasheet HTML 15Page - STMicroelectronics STV2000 Datasheet HTML 16Page - STMicroelectronics STV2000 Datasheet HTML 17Page - STMicroelectronics STV2000 Datasheet HTML 18Page - STMicroelectronics STV2000 Datasheet HTML 19Page - STMicroelectronics STV2000 Datasheet HTML 20Page - STMicroelectronics STV2000 Datasheet HTML 21Page - STMicroelectronics STV2000 Datasheet HTML 22Page - STMicroelectronics STV2000 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
STV2000
19/38
OPERATING DESCRIPTION (continued)
1.8 Sync Processor Output
The sync processor indicates whether 1st PLL is locked to an incoming horizontal sync or not. This is in-
dicated on the D8 bit of the status register . PLL1 level is low when locked.
2. HORIZONTAL PART
2.1 Internal Input Conditions
A digital signal (horizontal sync pulse) is sent by
the sync processor to the horizontal input. It must
be positive (see Figure 4).
Synchronization occurs on the leading edge of the
internal sync signal.
The minimum value of Z is 0.7
µs.
Vertical synchro extraction is not allowed.
Figure 4.
2.2 PLL1
The PLL1 consists of a phase comparator, an ex-
ternal filter and a voltage-controlled oscillator
(VCO). The phase comparator is a ”phase fre-
quency” type designed in CMOS technology. This
kind of phase detector avoids locking on wrong
frequencies. It is followed by a ”charge pump”,
composed of two current sources: sunk and
sourced (typically I =1 mA when locked and
I = 140
µA when unlocked). This difference be-
tween lock/unlock allows smooth catching of the
horizontal frequency by PLL1. This effect is rein-
forced by an internal original slow down system
when PLL1 is locked, preventing the horizontal fre-
quency from changing too quickly. The dynamic
behaviour of PLL1 is fixed by an external filter
which integrates the current of the charge pump. A
”CRC” filter is generally used (see Figure 5).
Figure 5.
Figure 6. Block Diagram
Z
T
PLL1F
40
1.8k
Ω
10nF
4.7
µF
Lock/Unlock
Status
PHASE
ADJUST
Low
High
LOCKDET
COMP1
CHARGE
PUMP
PLL1F
R0
C0
40
42
41
VCO
OSC
I2C
HPOS
Adj.
44
H/HVIN
39 Filter
43
FC1
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com