Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2000 Datasheet(PDF) 26 Page - STMicroelectronics

Part # STV2000
Description  I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 70 MHz RGB PREAMPLIFIER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2000 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STV2000 Datasheet HTML 22Page - STMicroelectronics STV2000 Datasheet HTML 23Page - STMicroelectronics STV2000 Datasheet HTML 24Page - STMicroelectronics STV2000 Datasheet HTML 25Page - STMicroelectronics STV2000 Datasheet HTML 26Page - STMicroelectronics STV2000 Datasheet HTML 27Page - STMicroelectronics STV2000 Datasheet HTML 28Page - STMicroelectronics STV2000 Datasheet HTML 29Page - STMicroelectronics STV2000 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
STV2000
26/38
OPERATING DESCRIPTION (continued)
Figure 16.
1.4 Brightness Adjustment (6 bits)
As with contrast adjustment, brightness is control-
led by I2C.
The brightness function consists of adding the
same DC offset to the three R, G, B signals after
contrast amplification. This DC-Offset is present
only outside the blanking pulse (see Figure 18).
The DC output level is forced to ”INFRA-BLACK”
level (VDC) during the blanking pulse.
1.5 Drive Adjustment (3 x 8 bits)
To adjust the white balance, the device offers the
possibility of separately adjusting the overall gain
of each complete video channel. Each channel
gain is controlled by I2C (8 bits each). The very
large drive adjustment range (48dB) allows differ-
ent standard or custom color temperatures.
The drive adjustment is also used to adjust the
output voltages at the optimum amplitude to drive
the C.R.T drivers, keeping the whole contrast con-
trol for end-users only. The drive adjustment is
made after the contrast and brightness so that the
white balance remains correct when BRT is ad-
justed.
1.6 Output Stage
The three output stages (see Figure 17) incorpo-
rate three functions:
• The blanking stage: when the internal
generated blanking pulse is high, the three
outputs are switched to a voltage which is
400 mV
lower than the BLACK level. The
black level is the output voltage with minimum
brightness
when
the
input
signal
video
amplitude is equal to ”0”.
• The output stage itself: a large bandwidth
output amplifier which can deliver up to 5VPP
on the three outputs (for 0.7 V video signal on
the inputs).
• The output CLAMP: the IC also incorporates
three internal output clamps (sample and hold
system) used for the DC to shift the three
output signals. The DC output voltage is fixed
at 1.5 V.
The overall waveforms of the output signal accord-
ing to the different adjustments are shown in
Figure 18.and Figure 19.
Figure 17.
2
0
-2
-4
-6
-8
-10
-12
-14
12
34
56
7
8
9
Attenuation (dB)
V
IN
(V)
10
CRT Driver
STV2000
Vout
1.5V
S/H
Cut-off
Cut-off
DAC
8 bits
11
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com