Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2000 Datasheet(PDF) 37 Page - STMicroelectronics

Part # STV2000
Description  I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 70 MHz RGB PREAMPLIFIER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2000 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STV2000 Datasheet HTML 30Page - STMicroelectronics STV2000 Datasheet HTML 31Page - STMicroelectronics STV2000 Datasheet HTML 32Page - STMicroelectronics STV2000 Datasheet HTML 33Page - STMicroelectronics STV2000 Datasheet HTML 34Page - STMicroelectronics STV2000 Datasheet HTML 35Page - STMicroelectronics STV2000 Datasheet HTML 36Page - STMicroelectronics STV2000 Datasheet HTML 37Page - STMicroelectronics STV2000 Datasheet HTML 38Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 37 / 38 page
background image
STV2000
37/38
PACKAGE MECHANICAL DATA
44-Pin Thin Quad Flat Package
b
c
L1
L
K
0.10m
m
.004
PIN 1
IDENTIFICATION
e
1
11
34
44
33
23
22
12
D
D1
D3
E3
A1
A
A2
E
E1
Dimensions
Millim eters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.60
0.063
A1
0.05
0.15
0.002
0.006
A2
1.35
1.40
1.45
0.053
0.055
0.057
b
0.30
0.37
0.45
0.012
0.015
0.018
c
0.09
0.20
0.004
0.008
D
12.00
0.472
D1
10.00
0.394
D3
8.00
0.315
E
12.00
0.472
E1
10.00
0.394
E3
8.00
0.315
e
0.80
0.031
K0
°
3.5
°
7
°
L
0.45
0.60
0.75
0.018
0.024
0.030
L1
1.00
0.039
Number of Pins
N44
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com