Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2000 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STV2000
Description  I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 70 MHz RGB PREAMPLIFIER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2000 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STV2000 Datasheet HTML 18Page - STMicroelectronics STV2000 Datasheet HTML 19Page - STMicroelectronics STV2000 Datasheet HTML 20Page - STMicroelectronics STV2000 Datasheet HTML 21Page - STMicroelectronics STV2000 Datasheet HTML 22Page - STMicroelectronics STV2000 Datasheet HTML 23Page - STMicroelectronics STV2000 Datasheet HTML 24Page - STMicroelectronics STV2000 Datasheet HTML 25Page - STMicroelectronics STV2000 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
STV2000
22/38
OPERATING DESCRIPTION (continued)
2.5 X-RAY Protection
X-Ray protection is activated when the ABL input (1 V on Pin 20) is at a low level. It inhibits both H-Drive,
and Vout while Video goes into off-mode.
This activation is internally delayed by 2 lines to avoid erratic detection (short parasitics).
This protection is latched; it may be reset either by switching VCC off or by I
2C (see Figure 12).
Figure 12. Safety Functions Block Diagram
3. VERTICAL PART
3.1 Function
When the synchronization pulse is not present, an
internal current source sets the free running fre-
quency. For an external capacitor, COSC = 150nF,
the typical free running frequency is 100Hz.
The typical free running frequency can be calculat-
ed according to:
fo(Hz) = 1.5
. 10-5 .
A positive TTL level pulse applied on Pin 1(Vin) is
used to synchronize the ramp in the range [fmin,
fmax] (see Figure 13). This frequency range de-
pends on the external capacitor connected on Pin
5. A 150nF (
± 5%) capacitor is recommended for
50 Hz to 165 Hz applications.
The typical maximum and minimum frequency, at
25oC and without any correction (S correction),
can be calculated as follows:
f(Max.) = 3.5 x fo and f(Min.) = 0.33 x fo
When an S correction is applied, these values are
slightly modified.
With a synchronization pulse, the internal oscilla-
tor is synchonized immediately but its amplitude
changes. An internal correction then adjusts it in
less than half a second. The ramp top value (Pin 5)
is sampled on the AGC capacitor (Pin 3) at each
clock pulse. A transconductance amplifier modi-
fies the charge current of the capacitor so as to
make the amplitude constant again. We recom-
mend using an AGC capacitor with a low leakage
current. A value lower than 100nA is mandatory.
A good level of stability for the internal closed loop
is obtained by a 470nF
± 5% capacitor value on
Pin 3 (VAGC).
VRB (Pin 8) is used for decoupling the internal 2V
reference voltage by a capacitor.
HORIZONTAL
OUTPUT
INHIBITION
VERTICAL
OUTPUT
INHIBITION
S
R
Q
Horizontal Flyback
0.7V
XRAY Protection
V
CC Checking
V
CC
V
CC off or I
2
C Reset
VSCinh
I2C Drive on/off
I2C Ramp on/off
+
20
ABL
+1V
Video-off
1
COSC
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com