Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2000 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STV2000
Description  I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 70 MHz RGB PREAMPLIFIER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2000 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STV2000 Datasheet HTML 8Page - STMicroelectronics STV2000 Datasheet HTML 9Page - STMicroelectronics STV2000 Datasheet HTML 10Page - STMicroelectronics STV2000 Datasheet HTML 11Page - STMicroelectronics STV2000 Datasheet HTML 12Page - STMicroelectronics STV2000 Datasheet HTML 13Page - STMicroelectronics STV2000 Datasheet HTML 14Page - STMicroelectronics STV2000 Datasheet HTML 15Page - STMicroelectronics STV2000 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
STV2000
12/38
I2C BUS ADDRESS TABLE
[0] denotes POR value, X denotes unused data bit and must be set to 0.
D8
D7
D6
D5
D4
D3
D2
D1
WRITE MODE (SLAVE ADDRESS= 8C)
00
Video: 1, on
[0], off
Contrast
[1]
[0]
[1]
[1]
[0]
[1]
[0]
01
Drive 1
[1]
[0]
[1]
[1]
[0]
[1]
[0]
[0]
02
Drive 2
[1]
[0]
[1]
[1]
[0]
[1]
[0]
[0]
03
Drive 3
[1]
[0]
[1]
[1]
[0]
[1]
[0]
[0]
04
Cut off 1
[0]
[0]
[0]
[0]
[1]
[0]
[0]
[0]
05
Cut off 2
[0]
[0]
[0]
[0]
[1]
[0]
[0]
[0]
06
Cut off 3
[0]
[0]
[0]
[0]
[1]
[0]
[0]
[0]
07
Hout
0, off
[1], on
Horizontal Phase Adjustment
[1]
[0]
[0]
[0]
[0]
[0]
[0]
08
Vramp
0, off
[1], on
Vertical Ramp Amplitude Adjustment
[1]
[0]
[0]
[0]
[0]
[0]
[0]
09
Xray
1, reset
[0]
Vertical Position Adjustment
[1]
[0]
[0]
[0]
[0]
[0]
[0]
0A
S Select
1, on
[0], off
S Correction
[1]
[0]
[0]
[0]
[0]
[0]
[0]
0B
EW Key
0, off
[1], on
Keystone
[1]
[0]
[0]
[0]
[0]
[0]
[0]
0C
EW Select
0, off
[1], on
EW Amplitude
[1]
[0]
[0]
[0]
[0]
[0]
[0]
0D
x
Horizontal Amplitude
[1]
[0]
[0]
[0]
[0]
[0]
[0]
0E
SPB Sel
0, off
[1], on
Side Pin Balance
[1]
[0]
[0]
[0]
[0]
[0]
[0]
0F
Parallelog
0, off
[1], on
Parallelogram
[1]
[0]
[0]
[0]
[0]
[0]
[0]
10
VBDC
1, on
[0], off
Gainwin
[0], 1X
1, 1.5X
Vertical Blanking DC level
[1]
[1]
[1]
[1]
[1]
[1]
11
POR
[0], off
1, reset
Powsav
1, on
[0], off
Brightness
[1]
[0]
[1]
[1]
[0]
[1]
12
DAC
[1]
[0]
[0]
[0]
[0]
[0]
[0]
13
x
xxx
PLL1 filter voltage clamp (FVC)
[0]
[0]
[0]
[0]
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com