Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2000 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STV2000
Description  I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 70 MHz RGB PREAMPLIFIER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2000 Datasheet(HTML) 5 Page - STMicroelectronics

  STV2000 Datasheet HTML 1Page - STMicroelectronics STV2000 Datasheet HTML 2Page - STMicroelectronics STV2000 Datasheet HTML 3Page - STMicroelectronics STV2000 Datasheet HTML 4Page - STMicroelectronics STV2000 Datasheet HTML 5Page - STMicroelectronics STV2000 Datasheet HTML 6Page - STMicroelectronics STV2000 Datasheet HTML 7Page - STMicroelectronics STV2000 Datasheet HTML 8Page - STMicroelectronics STV2000 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
STV2000
5/38
ABSOLUTE MAXIMUM RATINGS
THERMAL DATA
SYNC INPUT
Symbol
Parameter
Value
Unit
SAVcc
Scanning Section Analog Supply Voltage
13.5
V
VAVcc
Video Section Analog Supply Voltage
13.5
V
PVcc
Supply Voltage for Video Pre-Amp Section
13.5
V
Vdd
Logic Section Supply Voltage
5.5
V
VESD
ESD susceptibility HBM model 100pF & 1.5k
Ω
EIAJ Norm 200pF & 0
Ω
2
300
kV
V
Tstg
Storage Temperature
-40 to 150
oC
Tj
Junction Temperature
150
oC
Toper
Operating Temperature (Device ambient)
0 to 70
oC
Symbol
Parameter
Value
Unit
RTH(j-a)
Junction to Ambient Thermal Resistance (MAX)
46
oC/W
Operating Conditions (VDD = 5V, Tamb =25°C)
Symbol
Parameter
Test Conditi ons
Min
Typ
Max
Unit
HSVR
Voltage on Hin
Pin 44
0
5
V
MinD
Min Hin pulse duration
Pin 44
0.7
us
Mduty
Max Hin Duty Cycle
Pin 44
25
%
VSVR
Voltage on Vin
Pin 1
0
5
V
VSW
Min Vin pulse duration
Pin 1
5
us
VSD
Max Vin Duty Cycle
Pin 1
15
%
Electrical Characteristics (VDD = 5V, Tamb =25°C)
VINTH
Horizontal & Vertical Input Logic Level
Low Level
High Level
2.2
0.8
V
V
RIN
Horizontal & Vertical Pull-Up Resistor
200
k
Ω
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com