Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2000 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STV2000
Description  I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 70 MHz RGB PREAMPLIFIER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2000 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STV2000 Datasheet HTML 21Page - STMicroelectronics STV2000 Datasheet HTML 22Page - STMicroelectronics STV2000 Datasheet HTML 23Page - STMicroelectronics STV2000 Datasheet HTML 24Page - STMicroelectronics STV2000 Datasheet HTML 25Page - STMicroelectronics STV2000 Datasheet HTML 26Page - STMicroelectronics STV2000 Datasheet HTML 27Page - STMicroelectronics STV2000 Datasheet HTML 28Page - STMicroelectronics STV2000 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
STV2000
25/38
OPERATING DESCRIPTION (continued)
3.6 Dynamic Horizontal Phase Control
IOUT=K4 (VOUT - VDCMID) + K5 (VOUT - VDCMID)
2
K4 is adjustable via the parallelogram I2C register.
K5 is adjustable via the side pin balance I
2C register.
3.7 Horizontal Breathing
Horizontal breathing compensation is performed
through the EW stage with the Voltage-Current
Converter. This DC-controlled input provides the
required horizontal width corrections to offset
width changes arising from EHT variations.
3.8 Vertical Breathing
Vertical breathing compensation is performed
through the gain modulation of the vertical ramp.
This DC-controlled input provides the vertical
height corrections required to offset height chang-
es arising from EHT variations.
B PRE-AMPLIFIER PART
1. GENERAL CONSIDERATIONS
1.1 Input Stage
The R, G and B signals must be supplied to the
three inputs through coupling capacitors (100nF).
The maximum input peak-to-peak video amplitude
is 1 V.
The input stage includes a clamping function. This
clamp uses the input serial capacitor as ”memory
capacitor” and is gated by an internally generated
”Back-Porch-Clamping-Pulse (BPCP)”.
The BPCP is synchronized on the second edge of
the horizontal pulse HIN inputs on Pin 44.
Figure 15. .
In both cases, BPCP width is fixed.
1.2 Contrast Adjustment (7 bits)
The contrast adjustment is made by simultaneous-
ly controlling the gain of three internal variable
gain amplifiers through the I
2C bus interface. The
contrast adjustment allows covering a range high-
er than 40 dB. This adjustment is refreshed during
the vertical retrace time.
1.3 ABL Control
The STV2000 has an ABL input (automatic beam
limitation) to attenuate RGB video signals accord-
ing to beam intensity.
The operating range is typically 2.5 V, from 5.3 V
to 2.0 V. A typical 12 dB Max. attenuation is ap-
plied to the signal whatever the current gain. Refer
to Figure 16 for ABL input attenuation range.
In the case of software control, the ABL input must
be pulled to AVCC through a resistor to limit power
consumption.
ABL input voltage must not exceed VAVCC. Input
resistor is 10k
Ω.
HSYNC
BPCP
Internal pulse width is fixed at 1
µs
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com