Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2000 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STV2000
Description  I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 70 MHz RGB PREAMPLIFIER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2000 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STV2000 Datasheet HTML 14Page - STMicroelectronics STV2000 Datasheet HTML 15Page - STMicroelectronics STV2000 Datasheet HTML 16Page - STMicroelectronics STV2000 Datasheet HTML 17Page - STMicroelectronics STV2000 Datasheet HTML 18Page - STMicroelectronics STV2000 Datasheet HTML 19Page - STMicroelectronics STV2000 Datasheet HTML 20Page - STMicroelectronics STV2000 Datasheet HTML 21Page - STMicroelectronics STV2000 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
STV2000
18/38
OPERATING DESCRIPTION
A SCANNING PART
1. GENERAL CONSIDERATIONS
1.1 Power Supply
Typical power supply voltages are 10.5 V for the
Deflection and Preamplifier sections (SAVCC,
VAVCC and PVCC) and 5.0 V for the logic section
(Vdd). Optimum operation is obtained between 9.5
and 11.5 for VCC, and between 4.5 and 5.5 V for
VDD.
VCC is monitored during the transient phase when
switched either on or off, to avoid erratic operation
of the circuit. If VCC is inferior to 6.9 V typ., the cir-
cuit outputs are inhibited. Similarly, before VDD
reaches 4 V, all the I2C registers are reset to their
default value (see I
2C Control Table).
The circuit is internally supplied by several voltage
references (typ. value: 8 V) to ensure a good pow-
er supply rejection. Two of these voltage referenc-
es are externally accessible respectively for the
vertical and horizontal parts. They can be used to
bias external circuitry if ILOAD is inferior to 5 mA.
To minimize the noise and consequently the ”jitter”
on vertical and horizontal output signals, the refer-
ence voltages must be filtered by external capaci-
tors connected to the ground.
1.2 I2C Control
STV2000 belongs to the I
2C-controlled device
family. Each adjustment can be made via the I2C
Interface, instead of being controlled by DC voltag-
es on dedicated control pins. The I2C bus is a se-
rial bus with a clock and a data input. General
function and bus protocol are specified in the
Philips-bus data sheets. The interface (Data and
Clock) is TTL-compatible. Spikes up to 50 ns are
filtered by an integrator and the maximum clock
speed is limited to 100 kHz.
The data line (SDA) can be used bidirectionally. In
read mode, the IC sends reply information (1 byte)
to the micro-processor.
The bus protocol prescribes a full-byte transmis-
sion in all cases. The first byte after the start con-
dition is used to transmit the IC address (hexa 8C
for write, 8D for read).
All bytes are sent MSB bit first and the write data
transfer is closed by a stop.
1.3 Write Mode
In write mode, the second byte contains the sub-
address of the selected function to adjust (or con-
trols to effect) and the third byte the corresponding
data byte. More than one data byte can be sent to
the IC. If after the third byte no stop or start condi-
tion is detected, the circuit automatically incre-
ments the momentary subaddress in the subad-
dress counter (auto-increment mode) by one.
Thus it is possible to immediately transmit the fol-
lowing data bytes without sending the IC address
or subaddress. This can be useful for reinitializing
all the controls very quickly (flash manner). This
procedure is ended with a stop condition.
There are 19 adjustment capabilities for the circuit:
3 for the horizontal part, 3 for the vertical, 3 for the
E/W correction, 2 for the dynamic horizontal phase
control, 7 for the preamplifier and 1 for the blank-
ing DC. 14 bits are also dedicated to several con-
trols (ON/OFF).
1.4 Read Mode
In the read mode the second byte transmits the re-
ply information. The reply byte contains the hori-
zontal and vertical lock/unlock status, the XRAY
activation status. A stop condition always stops all
the activities of the bus decoder and switches both
the data and clock line (SDA and SCL) to high im-
pedance. See I2C subaddress and control tables.
1.5 Sync Processor
The internal sync processor allows the device to
receive separate horizontal & vertical TTL-com-
patible sync signals.
1.6 IC Status
The IC informs the MCU about both the 1st hori-
zontal PLL (locked or not) and the XRAY protec-
tion (activated or not). The XRAY internal latch is
reset either directly via the I
2C interface or by de-
creasing the VCC supply.
1.7 Sync Inputs
Both HIN and VIN inputs are TTL compatible trig-
gers with hysterisis to avoid erratic detection. Both
inputs include a pull-up resistor connected to VDD.
Synchro pulses must be positive.
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com