Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2000 Datasheet(PDF) 24 Page - STMicroelectronics

Part # STV2000
Description  I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 70 MHz RGB PREAMPLIFIER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2000 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STV2000 Datasheet HTML 20Page - STMicroelectronics STV2000 Datasheet HTML 21Page - STMicroelectronics STV2000 Datasheet HTML 22Page - STMicroelectronics STV2000 Datasheet HTML 23Page - STMicroelectronics STV2000 Datasheet HTML 24Page - STMicroelectronics STV2000 Datasheet HTML 25Page - STMicroelectronics STV2000 Datasheet HTML 26Page - STMicroelectronics STV2000 Datasheet HTML 27Page - STMicroelectronics STV2000 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
STV2000
24/38
OPERATING DESCRIPTION (continued)
3.4 Geometric Corrections
The principle is represented in Figure 14.
Starting from the vertical ramp, a parabola-shaped
current is generated for E/W correction (also
known as Pin Cushion correction), dynamic hori-
zontal phase control correction.
The parabola generator consists of an analog mul-
tiplier, the output current of which is equal to :
∆I= k x (VOUT - VDCMID)
2
where VOUT is the vertical output ramp (typically
between 2 and 5 V) and VDCMID is 3.6 V
(for VREF-V = 8.2V). The VOUT sawtooth is typical-
ly centered on 3.6 V. By changing the vertical po-
sition, the sawtooth shifts by
±0.4 V.
The ”geometry tracking” feature ensures a correct
screen geometry for any end user adjustment. It
generates non-symmetric parabola dependent on
the vertical position.
Due to the large output stage voltage range (E/W
Pin Cushion, Keystone), the combination of the
tracking function, maximum vertical amplitude,
maximum or minimum vertical position and maxi-
mum gain on the DAC control may lead to output
stage saturation. This must be avoided by limiting
the output voltage with appropriate I
2C register
values. For the E/W part and the dynamic horizon-
tal phase control part, a sawtooth-shaped differen-
tial current in the following form is generated:
∆I’ = k’ . (V
OUT - VDCMID).
Then
∆I and ∆I’ are added and converted into volt-
age for the E/W part.
Each of the two E/W components or the two dy-
namic horizontal phase control components may
be inhibited by their own I2C select bit.
Internal EW correction voltage is not available di-
rectly on the output pin. The EW correction is ob-
tained with the feedback voltage (Pin 27: EWBin)
which generates a modulating current in the diode
(Pin 28). In addition, the horizontal width is I
2C-
controlled.
The dynamic horizontal phase control drives the
H-position internally, moving the HFLY position on
the horizontal sawtooth in the range of
± 2.8 %T
H
both for side pin balance and parallelogram.
Figure 14. Geometric Corrections Principle
3.5 E/W
EWOUT = EWDC +K1 (VOUT - VDCMID) +K2 (VOUT - VDCMID)
2
K1 is adjustable via the keystone I2C register. K2 is adjustable via the E/W amplitude I2C register.
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com